Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9503 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SA9503
Description  Dual-band, CDMA/AMPS LNA and downconverter mixers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA9503 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SA9503 Datasheet HTML 6Page - NXP Semiconductors SA9503 Datasheet HTML 7Page - NXP Semiconductors SA9503 Datasheet HTML 8Page - NXP Semiconductors SA9503 Datasheet HTML 9Page - NXP Semiconductors SA9503 Datasheet HTML 10Page - NXP Semiconductors SA9503 Datasheet HTML 11Page - NXP Semiconductors SA9503 Datasheet HTML 12Page - NXP Semiconductors SA9503 Datasheet HTML 13Page - NXP Semiconductors SA9503 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Philips Semiconductors
Objective specification
SA9503
Dual-band, CDMA/AMPS LNA
and downconverter mixers
1999 Jul 29
10
AC ELECTRICAL CHARACTERISTICS (continued)
VCC = 2.7 V to 3.3 V; Tamb = 25°C, Plo= –3 dBm.
fIF = 130MHz, output differential load of 1kΩ for PCS.
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
MIN
–3
s
TYP
+3
s
MAX
UNIT
PCS Downconverter
RF input frequency range
1810
1990
MHz
LO input frequency range
Without doubler
1720
2120
MHz
With doubler
860
1050
MHz
IF output frequency range
50
300
MHz
IF Output Load Impedance
Differential
1000
Ω
Conversion Gain
@ fIF, over RF/LO frequency ranges
11.5
12.5
13
dB
Noise Figure
@ fIF, over RF/LO frequency ranges, SSB
9.0
10
dB
Input IP3
@ fIF, over RF/LO frequency ranges
∆f1 = 1.25 MHz, ∆f2 = 2.05 MHz
P1, P2 = –30 dBm
Tone spacing = 800 kHz
3
4
dBm
RF Input Return Loss
ZS = 50Ω, with external matching
10
dB
LO Input Return Loss
ZS = 50Ω
10
dB
(Tx) LO Output Return Loss
ZS = 100Ω differential
10
dB
LO Input Power Range
–9
–6
0
dBm
(Tx) LO Output Power Range
ZL = 100Ω differential; (Tx) LO buffer ON
–10
–9
–6
dBm
LO (Input and Output) to RF Leakage
With and without doubler
–35
dBm
LO (Input and Output) to IF Leakage
With and without doubler
–35
dBm
RF to LO (Input) Isolation
With and without doubler
30
dB
RF to IF Isolation
Single-ended in, differential out
20
dB
(Tx) LO Output to LO Input Isolation
Without doubler
30
dB
Leakage conversion gain
f1 = fRX ± 80 MHz at LNA input.
P1 = – 70 dBm.
All LNA PCS modes.
Measured through conversion gain in
stop-band, without SAW filters being
connected.
Pins terminated with resistive equivalent load.
–40
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com