Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 5 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 5 Page - STMicroelectronics

  TSC200IYDT Datasheet HTML 1Page - STMicroelectronics TSC200IYDT Datasheet HTML 2Page - STMicroelectronics TSC200IYDT Datasheet HTML 3Page - STMicroelectronics TSC200IYDT Datasheet HTML 4Page - STMicroelectronics TSC200IYDT Datasheet HTML 5Page - STMicroelectronics TSC200IYDT Datasheet HTML 6Page - STMicroelectronics TSC200IYDT Datasheet HTML 7Page - STMicroelectronics TSC200IYDT Datasheet HTML 8Page - STMicroelectronics TSC200IYDT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Dynamic performances
BW
CLoad = 5 pF
TSC200
TSC201
TSC202
1
0.4
0.3
MHz
SR
Slew rate
7
V/µs
Ts
Settling time
VSense = 10 to 100 mVpp
Up to 1 % final value,
CLoad = 5 pF
2
µs
Noise, RTI
EN
Voltage noise density
f = 100 kHz
55
nV/√Hz
Power supply
ICC
Current consumption
VOUT = 2 V
0.84
1.8
mA
VSense = 0 mV,
Tmin < T < Tmax
1.85
C_POR
Comparator POR threshold (4)
1.5
V
1. RTI stands for “Related to input”.
2. Offset is extrapolated from measurements of the output at VSense of 20 mV and 100 mV.
3. Total output error considers effects of gain error and VOS inaccuracy.
4. The TSC200, TSC201 and TSC202 are designed to power up with the comparator in a defined reset state as long as RESET is open or
grounded. The comparator is in reset as long as the power supply is below the voltage shown here. The comparator assumes a state based
on the comparator input above this supply voltage. If RESET is high at power-up, the comparator output comes up high and requires a reset
to assume a low state, if appropriate.
TSC200, TSC201, TSC202
Electrical characteristics
DS13882 - Rev 2
page 5/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com