Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 21 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 17Page - STMicroelectronics TSC200IYDT Datasheet HTML 18Page - STMicroelectronics TSC200IYDT Datasheet HTML 19Page - STMicroelectronics TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics TSC200IYDT Datasheet HTML 23Page - STMicroelectronics TSC200IYDT Datasheet HTML 24Page - STMicroelectronics TSC200IYDT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Figure 40. Recommended layout
5.10
EMI rejection ratio (EMIRR)
The electromagnetic interference (EMI) rejection ratio, or EMIRR, describes the EMI immunity of the current
sensing device. An adverse effect that is common to many current sensing devices is a change in the offset
voltage as a result of RF signal rectification.
A first order, an internal low pass filter, is included on the input of the TSC20x to minimize susceptibility to EMIRR.
Figure 41 shows the EMIRR on pin IN+, Figure 42 shows the EMIRR on pin IN- of the TSC200 measured from 10
MHz up to 2.4 GHz.
Figure 41. EMIRR on pin+
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc=5V
Vicm=12V
T=25°C
Prf=-10dBm
Frequency (MHz)
Figure 42. EMIRR on pin-
200 400 600 800 1000 1200 1400 1600 1800 2000 2200 2400
0
20
40
60
80
100
120
Vcc=5V
Vicm=12V
T=25°C
Prf=-10dBm
Frequency (MHz)
5.11
Overload recovery
Overload recovery is defined as the time required for the current sensing output to recover from a saturated state
to a linear state.
The saturated state occurs when the output voltage gets very close to either rail in the application. It normally
results from an excessive input voltage.
TSC200, TSC201, TSC202
EMI rejection ratio (EMIRR)
DS13882 - Rev 2
page 21/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com