Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics TSC200IYDT Datasheet HTML 23Page - STMicroelectronics TSC200IYDT Datasheet HTML 24Page - STMicroelectronics TSC200IYDT Datasheet HTML 25Page - STMicroelectronics TSC200IYDT Datasheet HTML 26Page - STMicroelectronics TSC200IYDT Datasheet HTML 27Page - STMicroelectronics TSC200IYDT Datasheet HTML 28Page - STMicroelectronics TSC200IYDT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
5.15
Application example
Control of power amplifier in wireless infrastructure
Current sensing is important in a power amplifier application from at least three main standpoints. Firstly, from a
technical aspect, monitoring the performance of a power amplifier helps maximizing the output power allowing to
achieve a good linearity and efficiency. Secondly, by reducing the overall energy consumption of base stations,
the impact on the environment is limited as much as possible. Finally, by considering that roughly half of the total
energy of a wireless infrastructure is consumed by the power amplifier, optimizing its efficiency also allows for a
financial benefit.
The integrated comparator in the TSC200 device can be used as a protection. Effectively combined with an RF
switch as shown in Figure 50, when a higher current appears in the power amplifier, due to a current spike, the
comparator can toggle a control pin of the RF switch and cut the signal to the gate of the power amplifier to
prevent any damage. This analog path is much faster than digital processing and offers better protection.
Figure 50. TSC200 used to drive and protect a power amplifier
+
-
OUT
VIN+
Vcc
VIN-
Reference
voltage 0.6V
CMPOUT
RESET
-
+
CMPIN
GND
Vcc
Vcc
5V
R1
R2
Rp=5.1kΩ
Rs
Rr=470kΩ
Cr=0.22µF
Cd=100nF
RF Switch
Vicm
RFIN
ADC
DAC
Power Amplifier
Antenna
TSC200
TSC200, TSC201, TSC202
Application example
DS13882 - Rev 2
page 25/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com