Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 17 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 13Page - STMicroelectronics TSC200IYDT Datasheet HTML 14Page - STMicroelectronics TSC200IYDT Datasheet HTML 15Page - STMicroelectronics TSC200IYDT Datasheet HTML 16Page - STMicroelectronics TSC200IYDT Datasheet HTML 17Page - STMicroelectronics TSC200IYDT Datasheet HTML 18Page - STMicroelectronics TSC200IYDT Datasheet HTML 19Page - STMicroelectronics TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
•
CMR error
In the electrical characteristics, CMR is specified at one input common-mode voltage. To take into consideration
the variation of the input voltage offset depending on Vicm, the calculus must be done from this known point. In
the electrical characteristics all the parameters are defined at Vicm = 12 V, so it must be taken as the reference
point.
The error on output voltage Vout due to a common-mode voltage variation can be written as the equation 8:
CMR error=±Vicm−12V
CMR
*Gain
(8)
•
Noise
Figure 36 expresses the noise referred to the input of the TSC200 over the frequency:
Figure 36. Input referred noise vs. frequency
1
10
100
1k
10k
100k
1M
1
10
100
1000
10000
Frequency (Hz)
Vcc=12V
Vicm=12V
Tamb=25°C
This device shows a 1/f noise until 30 kHz frequency. Above this limit, the white noise density is 55 nV/√Hz, until
the bandwidth of the TSC200.
The noise can then be expressed in two terms, the first one related to the 1/f noise, and the second due to the
white noise. If we consider that there is no additional filter on the TSC200, and it is only bandwidth limited, it can
be considered that over 1 MHz, there is an attenuation of the noise with a first order filtering. So, the equivalent
noise bandwidth is
1MHz.π2.
The RMS value of the output noise is the integration of the spectral noise over the bandwidth of interest and can
be expressed as equation 9:
enRMS= ∫0.130000 55.10−9f30.103
2df+∫0.11000000.π255.10−92df*Gain
(9)
•
Total error
The maximum total error expected on the output of the device can be expressed as the sum of the different
sources described just above. The total output accuracy can be written as equation 10.
Vouterr=Gain*Rsense*Iload εgain+εRsense +Gain.Vio+Gain
.Vicm−12V
CMR
+noise
(10)
Iload is the current flowing into the shunt, and output noise is described by equation 9.
TSC200, TSC201, TSC202
Error calculation
DS13882 - Rev 2
page 17/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com