Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 18 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 14Page - STMicroelectronics TSC200IYDT Datasheet HTML 15Page - STMicroelectronics TSC200IYDT Datasheet HTML 16Page - STMicroelectronics TSC200IYDT Datasheet HTML 17Page - STMicroelectronics TSC200IYDT Datasheet HTML 18Page - STMicroelectronics TSC200IYDT Datasheet HTML 19Page - STMicroelectronics TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Equation 10 has been described for a temperature of 25 °C. With any temperature variation, ΔVio/dT error term
must be added. Furthermore, if the power supply is susceptible to change, the SVR parameter must also be
considered.
•
Example
The example below allows for a better understanding of the maximum total error that can happen on the output of
the TSC200.
•
Use case:
–
Vcc = 5 V
–
Vicm = 48 V
–
Temperature = 25 °C
–
Iload = 5 A
–
Shunt 20 mΩ with 1% accuracy
Theoretically, the expected output voltage should be Vout = Rshunt * Iload * 20 = 2 V.
From the above equations, all the error terms by using the maximum value of the electrical characteristic (when
available) are detailed in order to express as much as possible, the worst-case condition. The % error on output
of the following table is expressed in reference to Vout.
Table 6. Error on output
Error source
Calculus
Output voltage error
% error on
output
Gain error
20*20.10−3*5*1%
20 mV
1%
Vio error
20*2.5mV
50 mV
2.5%
CMRR error
20*48V−12V
1010020
7.2 mV
0.4%
Noise
20*55nVHz 30kHz*ln30k −ln0.1 +1MHz*π2−0.1Hz
1.5 mVRMS
0.2% (1)
Total
77.2 mV
+1.4 mVRMS
4.1%
1. The percentage is based on voltage peak value (3 times RMS value).
So, the maximum output voltage in the worst case condition at ambient temperature is 2.077 V + 1.5 mVRMS
instead of the expected 2 V. This represents an error in the current reading of about 4.1%. 1% more must be
added due to the shunt accuracy.
It is important to note that this calculus has been done by using all the maximum values and all the error terms
have been added to each other, meaning that the chance to get 4.1% precision in the above use case is
extremely low, even on the whole population the actual error is to a great extent smaller.
5.6
Root sum square approximation
A more realistic calculus is to use a statistical approach. Total error can be determined by using the root-sum-of-
the-squares (RSS), a simplified statistical method to combine the error terms. With this approach, the average
values considered are zero, and the maximum parameter values given in the datasheet have all the same Cpk
(the maximum is given for all values with the same number of sigma) max. = K * sigma.
So, the error can be written as equation 11.
Error= ∑k.sigma2= ∑maxdatasℎeet²
(11)
All these parameters must be summed up as described by equation 11.
Error_Rss= εG2+εsℎunt2+ Vio
Rsℎunt.Isense 2
+ Vicm−12V
CMRR
Rsℎunt.Isense 2
(12)
TSC200, TSC201, TSC202
Root sum square approximation
DS13882 - Rev 2
page 18/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com