Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 19Page - STMicroelectronics TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics TSC200IYDT Datasheet HTML 23Page - STMicroelectronics TSC200IYDT Datasheet HTML 24Page - STMicroelectronics TSC200IYDT Datasheet HTML 25Page - STMicroelectronics TSC200IYDT Datasheet HTML 26Page - STMicroelectronics TSC200IYDT Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
5.13
Overcurrent response time
The TSC20x is composed of a current sensing and a comparator, which are two essential IPs to detect the
occurrence of an overcurrent, and alerting its presence. Thanks to a typical slew rate of 7 V/µs for the current
sensing and 300 ns as propagation delay for the comparator, the TSC200 is a perfect device for fast overcurrent
protection application.
The overcurrent protection circuit, shown in Figure 46, uses the TSC200 to control an external P-channel
MOSFET which opens the current path under overload conditions. The latched output of the TSC200’s
comparator prevents the circuit from oscillating, and the push-button resets the current path after an overcurrent
condition.
In the typical application described in Figure 46, a current in the range of 2 A to 20 A is monitored through a shunt
of 10 mΩ. The TSC200 is powered with a VCC = 5 V.
The full-scale output voltage should theoretically be in the range of 400 mV to 4 V.
The output voltage range 4 V to 5 V is reserved for OCP detection. So, the divider bridge on the comparator input
is selected as follows:
R1 = 178 Ω
R2 = 1 kΩ
Figure 46. Typical OCP application
+
-
OUT
VIN+
Vcc
12V
VIN-
Reference
voltage 0.6V
CMPOUT
RESET
-
+
CMPIN
GND
12V
Vcc
5V
R1=1kΩ
R2=178Ω
Rp=5.1kΩ
Rr=470kΩ
Cr=0.22µF
Cd=100nF
In the most critical case where low current (2 A) is flowing into the load, the output of the TSC200 is close to 400
mV, so the current sensing output would need 0.7 µs to pass from 400 mV to 5 V after the overcurrent event.
The comparator, due to its good propagation delay, requires only 300 ns to change its state from low to high level.
So, after an overcurrent, the system takes, in a worst condition scenario (small current into the load), less than 1
µs to switch-off the PMOS, as described by Figure 47.
TSC200, TSC201, TSC202
Overcurrent response time
DS13882 - Rev 2
page 23/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com