Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 24 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics TSC200IYDT Datasheet HTML 23Page - STMicroelectronics TSC200IYDT Datasheet HTML 24Page - STMicroelectronics TSC200IYDT Datasheet HTML 25Page - STMicroelectronics TSC200IYDT Datasheet HTML 26Page - STMicroelectronics TSC200IYDT Datasheet HTML 27Page - STMicroelectronics TSC200IYDT Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Figure 47. TSC200 response time to an overcurrent event
-1.5µ
-1.0µ
-500.0n
0.0
500.0n
1.0µ
1.5µ
2.0µ
2.5µ
-2
0
2
4
6
8
10
12
14
-800
-600
-400
-200
0
200
400
600
800
Time (s)
Comparator Output
Voltage across the shunt
5.14
Comparator power-on reset
The TSC20x's comparator integrates a power-on reset, allowing it to have a defined output state.
The TSC20x comparator has an open drain output, so while the VCC power supply is lower than 1.5 V, the output
is ever equal to VCC. When VCC is above 1.5 V (typ.), the output is in a low state if the COMPIN voltage is lower
than 0.6 V, as described by Figure 48, or a high state if the COMPIN voltage is higher than 0.6 V as described by
Figure 49.
Figure 48. CMPOUT at startup when CMPIN < 0.6 V
0
2m
4m
6m
0
2m
4m
6m
-3
-2
-1
0
1
2
3
4
5
6
-2
0
2
4
6
Vcc
COMPIN
=0V
Vcc=5V
T=25°C
Comparator Output
Time (s)
Figure 49. CMPOUT at startup when CMPIN > 0.6 V
0
2m
4m
6m
0
2m
4m
6m
-3
-2
-1
0
1
2
3
4
5
6
-2
0
2
4
6
Vcc
COMPIN
=1V
Vcc=5V
T=25°C
Comparator Output
Time (s)
TSC200, TSC201, TSC202
Comparator power-on reset
DS13882 - Rev 2
page 24/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com