Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSC200IYDT Datasheet(PDF) 22 Page - STMicroelectronics

Part # TSC200IYDT
Description  High voltage, current sense amplifier with open drain comparator and ref
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC200IYDT Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TSC200IYDT Datasheet HTML 18Page - STMicroelectronics TSC200IYDT Datasheet HTML 19Page - STMicroelectronics TSC200IYDT Datasheet HTML 20Page - STMicroelectronics TSC200IYDT Datasheet HTML 21Page - STMicroelectronics TSC200IYDT Datasheet HTML 22Page - STMicroelectronics TSC200IYDT Datasheet HTML 23Page - STMicroelectronics TSC200IYDT Datasheet HTML 24Page - STMicroelectronics TSC200IYDT Datasheet HTML 25Page - STMicroelectronics TSC200IYDT Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
When the output of the TSC200 enters into a saturated state it needs less than 3 µs to get back to a linear state
as shown by Figure 43 and Figure 44.
Figure 43. Negative overvoltage recovery VCC = 5 V
-3µ
-2µ
-1µ
0
1µ
2µ
3µ
4µ
5µ
6µ
7µ
8µ
0
1
2
3
4
5
6
7
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Time (s)
Vout
Vsense
Vcc=5V,
Vicm=12V,
Cl=100pF,
T=25°C
Figure 44. Positive overvoltage recovery VCC = 5 V
-3µ
-2µ
-1µ
0
1µ
2µ
3µ
4µ
5µ
6µ
7µ
8µ
0
1
2
3
4
5
6
7
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Time (s)
Vout
Vsense
Vcc=5V,
Vicm=12V,
Cl=100pF,
T=25°C
5.12
Comparator
The TSC20x family integrates an open-drain comparator, which can be useful for an overcurrent protection
function. It is generally recommended to use a 5.1 kΩ pull up resistance on the output. The voltage applied on the
pull up resistance must be in the 2.7 to 18 V range, regardless of the VCC. This comparator offers a 300 ns
(typical) response time for a small overdrive of 5 mV and lower than 100 ns for an overdrive higher than 50 mV.
The comparator can latch the information and reset it thanks to the RESET pin. Nevertheless, if the RESET pin is
left open or connected to the ground, the output latch feature is not functional anymore, and the output acts as a
classic comparator. If the RESET pin is connected to a voltage higher than 1.1 V, once CMPIN rises above 608
mV, CMPOUT latches and remains in this state even if CMPIN drops below 608 mV. Pulsing the RESET pin to
ground for at least 0.1 µs resets the latch. See Figure 45.
Figure 45. Comparator latching capability
-500m
-400m
-300m
-200m
-100m
0
100m
200m
300m
0
1
2
3
4
5
6
7
8
9
10
-0.6
-0.4
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
Time (s)
CMPOUT
CMPIN
Vcc=5V,
T=25°C
RESET
TSC200, TSC201, TSC202
Comparator
DS13882 - Rev 2
page 22/34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com