Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M68HC08 Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 39Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 40Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 41Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 42Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 43Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 44Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 45Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 46Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 288 page
background image
Memory Map
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Memory Map
43
$0028
PWM Control Register 1
(PWMCR1)
Read:
PWM7E
PWM6E
PWM5E
PWM4E
PWM3E
PWM2E
PWM1E
PWM0E
Write:
Reset:
00000000
$0029
USB Address Register
(UADR)
Read:
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Write:
Reset:
00000000
$002A
USB Interrupt Register
(UINTR)
Read:
TBEF
RBFF
EOPIF
RSTIF
TBIE
RBIE
EOPIE
RSTIE
Write:
Reset:
00000000
$002B
USB Control Register 0
(UCR0)
Read:
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
Write:
Reset:
00000000
$002C
USB Status Register
(USR)
Read:
RSEQ
SETUP
TX1ST
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
Write:
Reset:
Indeterminate after reset
$002D
USB Control Register 2
(UCR2)
Read:
0
0
PULLEN SUSPND ENABLE2 ENABLE1 STALL2
STALL1
Write:
Reset:
00000000
$002E
USB Interrupt Register 1
(UIR1)
Read: TXD1F
TXD1IE
RESUMF
00000
Write:
RESUMFR
TBEFR
RBFFR
TXD1FR
EOPFR
Reset:
00000000
$002F
USB Control Register 1
(UCR1)
Read:
T1SEQ
ENDADD
TX1E
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
Write:
Reset:
00000000
$0030
USB Endpoint 0 Data
Register 0 (UD0R0)
Read: UE0RD07 UE0RD06 UE0RD05 UE0RD04 UE0RD03 UE0RD02 UE0RD01 UE0RD00
Write: UE0TD07 UE0TD06 UE0TD05 UE0TD04 UE0TD03 UE0TD02 UE0TD01 UE0TD00
Reset:
Indeterminate after reset
$0031
USB Endpoint 0 Data
Register 1 (UD0R1)
Read: UE0RD17 UE0RD16 UE0RD15 UE0RD14 UE0RD13 UE0RD12 UE0RD11 UE0RD10
Write: UE0TD17 UE0TD16 UE0TD15 UE0TD14 UE0TD13 UE0TD12 UE0TD11 UE0TD10
Reset:
Indeterminate after reset
Addr.
Register Name
Bit 7
654321
Bit 0
= Unimplemented
R
= Reserved
Figure 2-2. Control, Status, and Data Registers (Sheet 5 of 12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com