| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc |
|
98 / 288 page ![]() System Integration Module (SIM) Data Sheet MC68HC908BD48 — Rev. 2.1 98 System Integration Module (SIM) Freescale Semiconductor 7.6.1 Interrupts An interrupt temporarily changes the sequence of program execution to respond to a particular event. Figure 7-9 flow charts the handling of system interrupts. Interrupts are latched, and arbitration is performed in the SIM at the start of interrupt processing. The arbitration result is a constant that the CPU uses to determine which vector to fetch. Once an interrupt is latched by the SIM, no other interrupt can take precedence, regardless of priority, until the latched interrupt is serviced (or the I bit is cleared). At the beginning of an interrupt, the CPU saves the CPU register contents on the stack and sets the interrupt mask (I bit) to prevent additional interrupts. At the end of an interrupt, the RTI instruction recovers the CPU register contents from the stack so that normal processing can resume. Figure 7-7 shows interrupt entry timing. Figure 7-8 shows interrupt recovery timing. Figure 7-7 . Interrupt Entry Figure 7-8. Interrupt Recovery MODULE IDB R/W INTERRUPT DUMMY SP SP – 1 SP – 2 SP – 3 SP – 4 VECT H VECT L START ADDR IAB DUMMY PC – 1[7:0] PC – 1[15:8] X A CCR V DATA H V DATA L OPCODE I BIT MODULE IDB R/W INTERRUPT SP – 4 SP – 3 SP – 2 SP – 1 SP PC PC + 1 IAB CCR A X PC – 1[7:0] PC – 1[15:8] OPCODE OPERAND I BIT |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |