| Electronic Components Datasheet Search |
|
M68HC08 Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
M68HC08 Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc |
|
84 / 288 page ![]() Central Processor Unit (CPU) Data Sheet MC68HC908BD48 — Rev. 2.1 84 Central Processor Unit (CPU) Freescale Semiconductor A Accumulator n Any bit C Carry/borrow bit opr Operand (one or two bytes) CCR Condition code register PC Program counter dd Direct address of operand PCH Program counter high byte dd rr Direct address of operand and relative offset of branch instruction PCL Program counter low byte DD Direct to direct addressing mode REL Relative addressing mode DIR Direct addressing mode rel Relative program counter offset byte DIX+ Direct to indexed with post increment addressing mode rr Relative program counter offset byte ee ff High and low bytes of offset in indexed, 16-bit offset addressing SP1 Stack pointer, 8-bit offset addressing mode EXT Extended addressing mode SP2 Stack pointer 16-bit offset addressing mode ff Offset byte in indexed, 8-bit offset addressing SP Stack pointer H Half-carry bit U Undefined H Index register high byte V Overflow bit hh ll High and low bytes of operand address in extended addressing X Index register low byte I Interrupt mask Z Zero bit ii Immediate operand byte & Logical AND IMD Immediate source to direct destination addressing mode | Logical OR IMM Immediate addressing mode ⊕ Logical EXCLUSIVE OR INH Inherent addressing mode ( ) Contents of IX Indexed, no offset addressing mode –( ) Negation (two’s complement) IX+ Indexed, no offset, post increment addressing mode # Immediate value IX+D Indexed with post increment to direct addressing mode « Sign extend IX1 Indexed, 8-bit offset addressing mode ← Loaded with IX1+ Indexed, 8-bit offset, post increment addressing mode ? If IX2 Indexed, 16-bit offset addressing mode : Concatenated with M Memory location Set or cleared N Negative bit — Not affected Table 6-1. Instruction Set Summary (Continued) Source Form Operation Description Effect on CCR VH I N Z C |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |