Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 216 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 216 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 212Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 213Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 214Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 215Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 216Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 217Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 220Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
204
13
FUNCTIONAL TIMING
13.1 DS3 Line Side Interface Timing
All functional timing diagrams assume that polarity control is not being applied to
input and output data and clock lines (i.e. polarity control bits in the TEMAP-84
registers are set to their default states).
Figure 33
- Receive Bipolar DS3 Stream
RPOS[x]
RNEG[x]
3 consec 0s
LCV
RCLK[x]
The Receive Bipolar DS3 Stream diagram (Figure 33) shows the operation of the
TEMAP-84 while processing a B3ZS encoded DS3 stream on inputs RPOS and
RNEG. It is assumed that the first bipolar violation (on RNEG) illustrated
corresponds to a valid B3ZS signature. A line code violation is declared upon
detection of three consecutive zeros in the incoming stream, or upon detection of
a bipolar violation which is not part of a valid B3ZS signature.
Figure 34
- Receive Unipolar DS3 Stream
RCLK[x]
RDATI[x] X1 BIT
RLCV[x]
X2 BIT
INFO 84
C BIT
INFO 1
INFO 2
INFO 3
INFO 4
INFO 5
OR P OR M BIT
OR F BIT
INFO 84
INFO 1
LCV INDICATION
The Receive Unipolar DS3 Stream diagram (Figure 34) shows the complete DS3
receive signal on the RDAT input. Line code violation indications, detected by an
upstream B3ZS decoder, are indicated on input RLCV. RLCV is sampled each
bit period. The PMON Line Code Violation Event Counter is incremented each
time a logic 1 is sampled on RLCV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com