Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 220 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 220 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 216Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 217Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 220Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 221Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 222Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 223Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 224Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
208
13.2 DS3 and E3 System Side Interface Timing
Figure 41
- Framer Mode DS3 Transmit Input Stream
TDATI[x]
INFO 84
TFPI/TMFPI[x]
INFO 84
INFO 83
INFO 82
X1
INFO 2
INFO 1
X2
INFO 1INFO 2INFO 3
INFO 84
INFO 82 INFO 83
F4
INFO 82 INFO 83
TFPO/TMFPO[x]
TICLK[x]
Figure 42
- Framer Mode DS3 Transmit Input Stream With TGAPCLK
TGAPCLK[x]
TDATI[x]
INFO 1
INFO 83
INFO 82
INFO 81
INFO 3
INFO 2
INFO 2
INFO 3
INFO 4
INFO 1
INFO 83 INFO 84
INFO 83
INFO 84
TICLK[x]
INFO 1
The Framer Mode DS3 Transmit Input Stream diagram (Figure 41) shows the
expected format of the inputs TDAT and TFPI/TMFPI along with TICLK and the
output TFPO/TMFPO when the OPMODE_SPEx[2:0] bits are set to “DS3/E3
Framer Only mode” in the SPE Configuration registers. If the TXMFPI bit in the
DS3 and E3 Master Unchannelized Interface Options register is logic 0, then
TFPI is valid, and the TEMAP-84 will expect TFPI to pulse for every DS3
overhead bit with alignment to TDATI. If the TXMFPI register bit is logic 1, then
TMFPI is valid, and the TEMAP-84 will expect TMFPI to pulse once every DS3
M-frame with alignment to TDATI. If the TXMFPO bit in the DS3 and E3 Master
Unchannelized Interface Options register is logic 0, then TFPO is valid, and the
TEMAP-84 will pulse TFPO once every 85 TICLK cycles, providing upstream
equipment with a reference DS3 overhead pulse. If the TXMFPO register bit is
logic 1, then TMFPO is valid and the TEMAP-84 will pulse TMFPO once every
4760 TICLK cycles, providing upstream equipment with a reference M-frame
pulse. The alignment of TFPO or TMFPO is arbitrary. There is no set
relationship between TFPO/TMFPO and TFPI/TMFPI. The TGAPCLK output is
available in place of TFPO/TMFPO when the TXGAPEN bit in the DS3 and E3
Master Unchannelized Interface Options register is set to logic 1, as in Figure 42.
TGAPCLK remains high during the overhead bit positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com