Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 250 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 250 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 246Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 247Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 248Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 249Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 250Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 251Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 252Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 253Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 254Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
238
Table 46
- Telecom Bus Output Timing - 19.44 MHz (Figure 65 and
Figure 66)
Symbol
Description
Min
Max
Units
tPTEL
LREFCLK rising to all Telecom BUS
Outputs Valid
320
ns
tZTEL
LREFCLK rising to all Telecom BUS
tristateable Outputs going tristate
320
ns
tPTELOE
LREFCLK rising to all Telecom BUS
tristateable Outputs going valid from
tristate
013
ns
Table 47
- Telecom Bus Output Timing – 77.76 MHz (Figure 65 and
Figure 66)
Symbol
Description
Min
Max
Units
tPTEL
LREFCLK rising to all Telecom BUS
Outputs Valid
16
ns
tZTEL
LREFCLK rising to all Telecom BUS
tristateable Outputs going tristate
15
ns
tPTELOE
LREFCLK rising to all Telecom BUS
tristateable Outputs going valid from
tristate
15
ns
Notes on Telecom Bus Output Timing:
1. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
2. Maximum and minimum output propagation delays are measured with a 100
pF load on all the outputs.
3. Output tristate delay is the time in nanoseconds from the 1.4 Volt point of the
reference signal to the point where the total current delivered through the
output is less than or equal to the leakage current.
4. The propagation delay, tPTEL, should be used when Telecom bus outputs are
always driven as configured by LADDOE in register. The propagation delays,
tPTELOE and tZTEL, should be used when the Telecom bus outputs are
multiplexed with other TEMAP-84 devices using the tristate capability of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com