Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 254 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 254 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 250Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 251Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 252Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 253Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 254Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 255Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 256Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 257Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 258Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
242
Figure 67
- SBI ADD BUS Timing
SREFCLK
tSSBIADD
tHSBIADD
SAC1FP
SADATA[7:0]
SADP,SAPL
SAV5
SAJUST_REQ
tPSBIADD
tZSBIADD
Table 50
- SBI DROP BUS Timing - 19.44 MHz (Figure 65 Figure 68)
Symbol
Description
Min
Max
Units
tSSBIDROP SDC1FP Set-Up Time to SREFCLK
4
ns
tHSBIDROP SDC1FP Hold Time to SREFCLK
0
ns
tPSBIDROP SREFCLK to All SBI DROP BUS Outputs
Valid
215
ns
tZSBIDROP SREFCLK to All SBI DROP BUS Outputs
Tristate
215
ns
tPOUTEN
SBIDET[1] and SBIDET[0] low to All SBI
DROP BUS Outputs Valid
012
ns
tZOUTEN
SBIDET[1] and SBIDET[0] high to All SBI
DROP BUS Outputs Tristate
012
ns
tSDET
SBIDET[n] Set-Up Time to SREFCLK
4
ns
tHDET
SBIDET[n] Hold Time to SREFCLK
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com