Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 258 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 258 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 254Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 255Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 256Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 257Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 258Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 259Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 260Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 261Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 262Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
246
Table 53
- Ingress Flexible Bandwidth Port Timing (Figure 71)
Symbol
Description
Min
Max
Units
IFBWCLK[n] Frequency
0
52
MHz
IFBWCLK[n] High Phase
7
ns
IFBWCLK[n] Low Phase
7
ns
tSIFBW
IFBWDAT[n] and IFBWEN[n] Set-
Up Time to IFBWCLK[n] Rising
Edge
4ns
tHIFBW
IFBWDAT[n] and IFBWEN[n] Hold
Time to IFBWCLK[n] Rising Edge
1ns
Figure 71
- Ingress Flexible Bandwidth Port Timing
IFBWCLK[n]
tS
tH
IFBW
IFBW
IFBWDAT[n],
IFBWEN[n]
Notes on Flexible Bandwidth Port Timing:
1. When a set-up time is specified between an input and a clock, the set-up
time is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4
Volt point of the clock.
2. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
5. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
6. Maximum and minimum output propagation delays are measured with a 100
pF load on all the outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com