Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM5366-PI Datasheet(PDF) 260 Page - PMC-Sierra, Inc

Part # PM5366-PI
Description  HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER AND M13 MULTIPLEXER
PDF  267 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5366-PI Datasheet(HTML) 260 Page - PMC-Sierra, Inc

Back Button PM5366-PI Datasheet HTML 256Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 257Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 258Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 259Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 260Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 261Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 262Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 263Page - PMC-Sierra, Inc PM5366-PI Datasheet HTML 264Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 260 / 267 page
background image
PRELIMINARY
PM5366 TEMAP-84
DATASHEET
PMC-2010672
ISSUE 1
HIGH DENSITY 84/63 CHANNEL VT/TU MAPPER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
248
Table 55
- Transmit Line Interface Timing (Figure 73)
Symbol
Description
Min
Max
Units
CTCLK Frequency
(Must be integer multiple of 8 KHz.)
0.008 2.048
MHz
tHCTCLK
CTCLK High Duration
60
ns
tLCTCLK
CTCLK Low Duration
60
ns
Figure 73
- Transmit Line Interface Timing
CTCLK
tL
t H
t
CTCLK
CTCLK
CTCLK
Notes on Ingress and Egress Serial Interface Timing:
1. High pulse width is measured from the 1.4 Volt points of the rise and fall
ramps. Low pulse width is measured from the 1.4 Volt points of the fall and
rise ramps.
2. When a set-up time is specified between an input and a clock, the set-up
time is the time in nanoseconds from the 1.4 Volt point of the input to the 1.4
Volt point of the clock.
3. When a hold time is specified between an input and a clock, the hold time is
the time in nanoseconds from the 1.4 Volt point of the clock to the 1.4 Volt
point of the input.
4. Setup, hold, and propagation delay specifications are shown relative to the
default active clock edge, but are equally valid when the opposite edge is
selected as the active edge.
5. Output propagation delay time is the time in nanoseconds from the 1.4 Volt
point of the reference signal to the 1.4 Volt point of the output.
6. Output propagation delays are measured with a 50 pF load on all outputs with
the exception of the high speed DS3/E3 outputs (TCLK[3:1],



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com