Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 191 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 191 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 187Page - PMC-Sierra, Inc PM7344 Datasheet HTML 188Page - PMC-Sierra, Inc PM7344 Datasheet HTML 189Page - PMC-Sierra, Inc PM7344 Datasheet HTML 190Page - PMC-Sierra, Inc PM7344 Datasheet HTML 191Page - PMC-Sierra, Inc PM7344 Datasheet HTML 192Page - PMC-Sierra, Inc PM7344 Datasheet HTML 193Page - PMC-Sierra, Inc PM7344 Datasheet HTML 194Page - PMC-Sierra, Inc PM7344 Datasheet HTML 195Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
175
Registers 069H, 169H, 269H and 369H: RXCP Correctable HCS Error Event
Count MSB
Bit
Type
Function
Bit 7
Unused
Bit 6
Unused
Bit 5
Unused
Bit 4
Unused
Bit 3
R
CHCSE[11]
Bit 2
R
CHCSE[10]
Bit 1
R
CHCSE[9]
Bit 0
R
CHCSE[8]
CHCSE[11:0]:
CHCSE[11:0] represents the number of correctable header check sequence
(CHCS) errors that have been detected since the last time the CHCSE error
counter was polled. The counter (and all other counters in the S/UNI-MPH) is
polled by writing to the Global Monitoring register (00CH). Such a write
transfers the internally accumulated count to the CHCSE Error Count
Registers and simultaneously resets the internal counter to begin a new cycle
of error accumulation. The transfer in progress (TIP) bit in register 00CH is
polled to determine when the transfer is complete. The CPPM counters in
each quadrant can also be polled by writing to any address from X60H to
X6FH (where X is a value from 0 to 3). CHCS errors are not accumulated
when the RXCP has declared an out of cell delineation defect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com