Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM7344 Datasheet(PDF) 193 Page - PMC-Sierra, Inc

Part # PM7344
Description  SATURN QUAD T1/E1 MULTI-PHY USER NETWORK INTERFACE DEVICE
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7344 Datasheet(HTML) 193 Page - PMC-Sierra, Inc

Back Button PM7344 Datasheet HTML 189Page - PMC-Sierra, Inc PM7344 Datasheet HTML 190Page - PMC-Sierra, Inc PM7344 Datasheet HTML 191Page - PMC-Sierra, Inc PM7344 Datasheet HTML 192Page - PMC-Sierra, Inc PM7344 Datasheet HTML 193Page - PMC-Sierra, Inc PM7344 Datasheet HTML 194Page - PMC-Sierra, Inc PM7344 Datasheet HTML 195Page - PMC-Sierra, Inc PM7344 Datasheet HTML 196Page - PMC-Sierra, Inc PM7344 Datasheet HTML 197Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 293 page
background image
PM7344 S/UNI-MPH
DATA SHEET
PMC-950449
ISSUE 6
MULTI-PHY USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
177
Registers 06BH, 16BH, 26BH and 36BH: RXCP Idle/Unassigned Cell Count
MSB
Bit
Type
Function
Default
Bit 7
R
UICELL[15]
X
Bit 6
R
UICELL[14]
X
Bit 5
R
UICELL[13]
X
Bit 4
R
UICELL[12]
X
Bit 3
R
UICELL[11]
X
Bit 2
R
UICELL[10]
X
Bit 1
R
UICELL[9]
X
Bit 0
R
UICELL[8]
X
UICELL [15:0]:
UICELL[15:0] represents the number of idle/unassigned cells that have been
dropped since the last time the idle/unassigned cell counter was polled. Note
that this counter operates only when idle/unassigned cell filtering is enabled.
The counter (and all other counters in the S/UNI-MPH) is polled by writing to
the Global Monitoring register (00CH). Such a write transfers the internally
accumulated count to the UICELL Cell Count Registers and simultaneously
resets the internal counter to begin a new cycle of error accumulation. The
transfer in progress (TIP) bit in register 00CH is polled to determine when the
transfer is complete. The CPPM counters in each quadrant can also be
polled by writing to any address from X60H to X6FH (where X is a value from
0 to 3). Idle/Unassigned Cells are not accumulated when the RXCP has
declared an out of cell delineation defect state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com