Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST72324BJ2 Datasheet(PDF) 186 Page - STMicroelectronics

Part # ST72324BJ2
Description  8-bit MCU, 3.8 to 5.5 V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72324BJ2 Datasheet(HTML) 186 Page - STMicroelectronics

Back Button ST72324BJ2 Datasheet HTML 180Page - STMicroelectronics ST72324BJ2 Datasheet HTML 181Page - STMicroelectronics ST72324BJ2 Datasheet HTML 182Page - STMicroelectronics ST72324BJ2 Datasheet HTML 183Page - STMicroelectronics ST72324BJ2 Datasheet HTML 184Page - STMicroelectronics ST72324BJ2 Datasheet HTML 185Page - STMicroelectronics ST72324BJ2 Datasheet HTML 186Page - STMicroelectronics ST72324BJ2 Datasheet HTML 187Page - STMicroelectronics ST72324BJ2 Datasheet HTML 188Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 186 / 188 page
background image
Revision history
ST72324B
186/188
16
Revision history
Table 126.
Document revision history
Date
Revision
Changes
05-May-2004
2.0
Merged ST72F324 Flash with ST72324B ROM datasheet.
Vt POR max modified in Section 12.4 on page 140
Added Figure 79 on page 159
Modified VAREF min in “10-bit ADC characteristics” on page 163
Modified I INJ for PB0 in Section 12.9 on page 153
Added “Clearing active interrupts outside interrupt routine” on page 182
Modified “32K ROM DEVICES ONLY” on page 165
30-Mar-2005
3
Removed Clock Security System (CSS) throughout document
Added notes on ST72F324B 8K/16K Flash devices in Table 27
Corrected MCO description in Section 10.2 on page 64
Modified VtPOR in Section 12.4 on page 140
Static current consumption modified in Section 12.9 on page 153
Updated footnote and Figure 78 on page 158 and Figure 79 on page 159
Modified Soldering information in Section 13.6
Updated Section 14 on page 172
Added Table 27
Modified Figure 8 on page 20 and note 4 in “Flash program memory” on
page 18
Added limitation on ICC entry mode with 39 pulses to “Known limitations”
on page 180
Added Section 16 on page 166 for ST72F324B 8K/16K Flash devices
Modified “Internal Sales Types on box label” in Table 29 on page 157
12-Sep-2005
4
Removed notes related to ST72F324, refer to datasheet rev 3 for
specifications on older devices.
Note: This datasheet rev refers only to ST72F324B and ST72324B.
Changed character transmission procedure in Section on page 107
Updated Vt POR max in Section 12.4 on page 140
Updated Current Consumption for in Section 12.5 on page 141
Added oscillator diagram and table to Section 12.6.3 on page 145
Increased Data retention max. parameter in Section 12.7.2 on page 148
Updated ordering Section 14.3 on page 155 and Section 14.5 on page
157
Updated Development tools Section 14.3 on page 178
Added “external interrupt missed” in Section 15.1 on page 180
06-Feb-2006
5
Added description of SICSR register at address 2Bh in Table 2 on
page 15
Changed description on port PF2 to add internal pull-up in Section 9.5.1
on page 58
Highlighted note in SPI “Master mode operation” on page 94
Changed “Static and dynamic Latch-Up” on page 152
Added note 5 on analog input static current consumption “General
characteristics” on page 153
Updated notes in “Thermal characteristics” on page 171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com