Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 56 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 52Page - STMicroelectronics STR712FR1H6 Datasheet HTML 53Page - STMicroelectronics STR712FR1H6 Datasheet HTML 54Page - STMicroelectronics STR712FR1H6 Datasheet HTML 55Page - STMicroelectronics STR712FR1H6 Datasheet HTML 56Page - STMicroelectronics STR712FR1H6 Datasheet HTML 57Page - STMicroelectronics STR712FR1H6 Datasheet HTML 58Page - STMicroelectronics STR712FR1H6 Datasheet HTML 59Page - STMicroelectronics STR712FR1H6 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 77 page
background image
Electrical parameters
STR71xF
56/77
5.3.7
EMI - External Memory Interface
Subject to general operating conditions for VDD, fHCLK, and TA unless otherwise specified.
The tables below use a variable which is derived from the EMI_BCONn registers (described
in the STR71x Reference Manual) and represents the special characteristics of the
programmed memory cycle.
tres(TIM)
Timer resolution time
1
tPCLK2
fPCLK2 = 30MHz
33.3
ns
fEXT
Timer external clock
frequency
fCK_TIM(MAX) =
fMCLK
0
fCK_TIM/4
MHz
fCK_TIM = fMCLK =
60MHz
015
MHz
ResTIM
Timer resolution
16
bit
tCOUNTER
16-bit Counter clock period
when internal clock is
selected
1
65536
tPCLK
fPCLK2 = 30MHz
0.033
2184
µs
TMAX_COUNT Maximum Possible Count
65536x
65536
tPCLK
fPCLK2 = 30MHz
143.1
s
Table 30.
TIM characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 31.
EMI general characteristics
Symbol
Parameter
Value
tMCLK
CPU clock period
1 / fMCLK
tC
Memory cycle time wait states
tMCLK x (1 + [C_LENGTH])



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com