Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 62 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 58Page - STMicroelectronics STR712FR1H6 Datasheet HTML 59Page - STMicroelectronics STR712FR1H6 Datasheet HTML 60Page - STMicroelectronics STR712FR1H6 Datasheet HTML 61Page - STMicroelectronics STR712FR1H6 Datasheet HTML 62Page - STMicroelectronics STR712FR1H6 Datasheet HTML 63Page - STMicroelectronics STR712FR1H6 Datasheet HTML 64Page - STMicroelectronics STR712FR1H6 Datasheet HTML 65Page - STMicroelectronics STR712FR1H6 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 77 page
background image
Electrical parameters
STR71xF
62/77
period of SCL signal.
4.
Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
5.
fPCLK1, must be at least 8MHz to achieve max fast I
2C speed (400kHz).
6.
The following table gives the values to be written in the I2CCCR register to obtain the required I2C SCL line
frequency.
Figure 33.
Typical Application with I2C Bus and Timing Diagram 4)
Legend:
RP = External pull-up resistance
fSCL = I
2C speed
NA = Not achievable
Note:
For speeds around 200 kHz, achieved speed can have
±5% tolerance
For other speed ranges, achieved speed can have
±2% tolerance
The above variations depend on the accuracy of the external components used.
Table 35.
SCL Frequency Table (fPCLK1=8 MHz.,V33 = 3.3 V)
fSCL
(kHz)
I2CCCR Value
RP=4.7kΩ
400
83
300
85h
200
8Ah
100
24h
50
4Ch
20
C4h
REPEATED START
START
STOP
START
tf(SDA)
tr(SDA)
tsu(SDA)
th(SDA)
tf(SCK)
tr(SCK)
tw(SCKL)
tw(SCKH)
th(STA)
tsu(STO)
tsu(STA)
tw(STO:STA)
SDA
SCL
4.7k
Ω
SDA
STR7
SCL
VDD
100
Ω
100
Ω
VDD
4.7k
Ω
I2CBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com