Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 21Page - STMicroelectronics STR712FR1H6 Datasheet HTML 22Page - STMicroelectronics STR712FR1H6 Datasheet HTML 23Page - STMicroelectronics STR712FR1H6 Datasheet HTML 24Page - STMicroelectronics STR712FR1H6 Datasheet HTML 25Page - STMicroelectronics STR712FR1H6 Datasheet HTML 26Page - STMicroelectronics STR712FR1H6 Datasheet HTML 27Page - STMicroelectronics STR712FR1H6 Datasheet HTML 28Page - STMicroelectronics STR712FR1H6 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 77 page
background image
STR71xF
System architecture
25/77
20 G2
P0.15/
WAKEUP
ITT XX
Port 0.15 Wakeup from Standby mode input.
Note: This port is input only.
21 G3 RTCXTI
Realtime Clock input and input of 32 kHz oscillator
amplifier circuit
22 H4 RTCXTO
Output of 32 kHz oscillator amplifier circuit
23
F3 STDBY
I/O
CT
4mA
X
X
Input: Hardware Standby mode entry input active
low.
Caution: External pull-up to V33 required to select
normal mode.
Output: Standby mode active low output following
Software Standby mode entry.
Note: In Standby mode all pins are in high
impedance except those marked Active in Stdby.
24 G4 RSTIN
ICT
X
Reset input
25 H5 VSSBKP
S
X
Stabilization for low power voltage regulator.
26
F4 V18BKP
SX
Stabilization for low power voltage regulator.
Requires external capacitors of at least 1µF
between V18BKP and VSS18BKP. See Figure 5.
Note: If the low power voltage regulator is
bypassed, this pin can be connected to an external
1.8V supply.
27 G5 V18
S
Stabilization for main voltage regulator. Requires
external capacitors of at least 10µF + 33nF
between V18 and VSS18. See Figure 5.
28 H6 VSS18
S
Stabilization for main voltage regulator.
29
E4 VDDA
S
Supply voltage for A/D Converter
30 G6 VSSA
S
Ground voltage for A/D Converter
31
F5
P1.0/T3.OCM
PB/AIN.0
I/O
pu
CT
4mA
X
X
Port 1.0
Timer 3: Output
Compare B
ADC: Analog input 0
32 H7
P1.1/T3.ICAP
A/T3.EXTCLK
/AIN.1
I/O
pu
CT
4mA
X
X
Port 1.1
Timer 3: Input
Capture A or
External Clock
input
ADC: Analog input 1
33 H8
P1.2/T3.OCM
PA/AIN.2
I/O
pu
CT
4mA
X
X
Port 1.2
Timer 3: Output
Compare A
ADC: Analog input 2
34 G8
P1.3/T3.ICAP
B/AIN.3
I/O
pu
CT
4mA
X
X
Port 1.3
Timer 3: Input
Capture B
ADC: Analog input 3
35
F8
P1.4/T1.ICAP
A/T1.EXTCLK
I/O
pu
CT
4mA
X
X
Port 1.4
Timer 1: Input
Capture A
Timer 1: External
Clock input
Table 6.
STR711/STR712/STR715 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com