Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 15Page - STMicroelectronics STR712FR1H6 Datasheet HTML 16Page - STMicroelectronics STR712FR1H6 Datasheet HTML 17Page - STMicroelectronics STR712FR1H6 Datasheet HTML 18Page - STMicroelectronics STR712FR1H6 Datasheet HTML 19Page - STMicroelectronics STR712FR1H6 Datasheet HTML 20Page - STMicroelectronics STR712FR1H6 Datasheet HTML 21Page - STMicroelectronics STR712FR1H6 Datasheet HTML 22Page - STMicroelectronics STR712FR1H6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 77 page
background image
STR71xF
System architecture
19/77
125
A7
P0.2/S0.SCLK
/I1.SCL
I/O pu
CT X4mA X
X
Port 0.2
BSPI0: Serial
Clock
I2C1: Serial clock
Note: Programming AF function
selects I2C by default. BSPI must be
enabled by SPI_EN bit in the
BOOTCR register.
126
A6
P0.3/S0.SS/
I1.SDA
I/O pu
CT
4mA
X
X
Port 0.3
SPI0: Slave
Select input
active low.
I2C1: Serial Data
Note: Programming AF function
selects I2C by default. BSPI must be
enabled by SPI_EN bit in the
BOOTCR register.
127
C7
P0.4/S1.MISO I/O pu
CT
4mA
X
X
Port 0.4
SPI1: Master in/Slave out data
128
D7
VSS18
S
Stabilization for main voltage regulator.
129
E7
V18
S
Stabilization for main voltage regulator. Requires
external capacitors of at least 10µF + 33nF
between V18 and VSS18. See Figure 5.
130
F7
A.14
O
7)
8mA
X
External Memory Interface: address bus
131
B6
A.15
O
7)
8mA
X
132
C6
A.16
O
7)
8mA
X
133
D6
A.17
O
7)
8mA
X
134
E6
A.18
O
7)
8mA
X
135
A5
A.19
O
7)
8mA
X
136
B5
WE.1
O
5)
8mA
X
External Memory Interface: active low MSB write
enable output
137
C5
WE.0
O
5)
8mA
X
External Memory Interface: active low LSB write
enable output
138
A3
V33
S
Supply voltage for digital I/Os4)
139
A2
VSS
S
Ground voltage for digital I/Os4)
140
D5
P0.5/S1.MOSI I/O pu
CT
4mA
X
X
Port 0.5
SPI1: Master out/Slave In data
141
A4
P0.6/S1.SCLK I/O pu
CT X 4mA X
X
Port 0.6
SPI1: Serial Clock
142
B4
P0.7/S1.SS
I/O pu
CT
4mA
X
X
Port 0.7
SPI1: Slave Select input active low
Table 3.
STR710 pin description
Pin n°
Pin Name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com