Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 4 Page - STMicroelectronics

  STR712FR1H6 Datasheet HTML 1Page - STMicroelectronics STR712FR1H6 Datasheet HTML 2Page - STMicroelectronics STR712FR1H6 Datasheet HTML 3Page - STMicroelectronics STR712FR1H6 Datasheet HTML 4Page - STMicroelectronics STR712FR1H6 Datasheet HTML 5Page - STMicroelectronics STR712FR1H6 Datasheet HTML 6Page - STMicroelectronics STR712FR1H6 Datasheet HTML 7Page - STMicroelectronics STR712FR1H6 Datasheet HTML 8Page - STMicroelectronics STR712FR1H6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Introduction
STR71xF
4/77
1
Introduction
This datasheet provides the STR71x Ordering Information, Mechanical and Electrical
Device Characteristics.
For complete information on the STR710 Microcontroller memory, registers and peripherals.
please refer to the STR710 Reference Manual.
For information on programming, erasing and protection of the internal Flash memory
please refer to the STR7 Flash Programming Reference Manual
For information on the ARM7TDMI core please refer to the ARM7TDMI Technical Reference
Manual
2
Device summary
.
Table 1.
Device summary
Features
STR710
FZ1
STR710
FZ2
STR710
RZ
STR711
FR0
STR711
FR1
STR711
FR2
STR712
FR0
STR712
FR1
STR712
FR2
STR715
FRx
Flash - Kbytes
128+16
256+16
0
64+16
128+16
256+16
64+16
128+16
256+16
64+16
RAM - Kbytes
32
64
64
16
32
64
16
32
64
16
Peripheral
Functions
CAN, EMI, USB, 48 I/Os
USB, 30 I/Os
CAN, 32 I/Os
32 I/Os
Operating
Voltage
3.0 to 3.6V
Operating
Temp.
-40 to +85°C or 0 to 70° C
Packages
T=LQFP144 20 x 20
H=LFBGA144 10 x10
T=LQFP64 10 x10 / H=LFBGA64 8 x 8 x 1.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com