Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 42Page - STMicroelectronics STR712FR1H6 Datasheet HTML 43Page - STMicroelectronics STR712FR1H6 Datasheet HTML 44Page - STMicroelectronics STR712FR1H6 Datasheet HTML 45Page - STMicroelectronics STR712FR1H6 Datasheet HTML 46Page - STMicroelectronics STR712FR1H6 Datasheet HTML 47Page - STMicroelectronics STR712FR1H6 Datasheet HTML 48Page - STMicroelectronics STR712FR1H6 Datasheet HTML 49Page - STMicroelectronics STR712FR1H6 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 77 page
background image
Electrical parameters
STR71xF
46/77
5.3.3
Memory characteristics
Flash memory
V33 = 3.0 to 3.6V, TA = -40 to 85 °C unless otherwise specified.
Notes:
1.
TA=45°C after 0 cycles. Guaranteed by characterization, not tested in production.
2.
Guaranteed by design, not tested in production
Table 23.
Flash memory characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ
Max1)
tPW
Word Program
40
µs
tPDW
Double Word Program
60
µs
tPB0
Bank 0 Program (256K)
Double Word Program
1.6
2.1
s
tPB1
Bank 1 Program (16K)
Double Word Program
130
170
ms
tES
Sector Erase (64K)
Not preprogrammed
Preprogrammed
2.3
1.9
4.0
3.3
s
tES
Sector Erase (8K)
Not preprogrammed
Preprogrammed
0.7
0.6
1.1
1.0
s
tES
Bank 0 Erase (256K)
Not preprogrammed
Preprogrammed
8.0
6.6
13.7
11.2
s
tES
Bank 1 Erase (16K)
Not preprogrammed
Preprogrammed
0.9
0.8
1.5
1.3
s
tRPD
2)
Recovery when disabled
20
µs
tPSL
2)
Program Suspend Latency
10
µs
tESL
2)
Erase Suspend Latency
300
µs
NEND_B0
Endurance (Bank 0
sectors)
10
kcycles
NEND_B1
Endurance (Bank 1
sectors)
100
kcycles
tRET
Data Retention (Bank 0
and Bank 1)
TA=85°
20
Years
tESR
Erase Suspend Rate
Min time from Erase
Resume to next Erase
Suspend
20
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com