Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 61Page - STMicroelectronics STR712FR1H6 Datasheet HTML 62Page - STMicroelectronics STR712FR1H6 Datasheet HTML 63Page - STMicroelectronics STR712FR1H6 Datasheet HTML 64Page - STMicroelectronics STR712FR1H6 Datasheet HTML 65Page - STMicroelectronics STR712FR1H6 Datasheet HTML 66Page - STMicroelectronics STR712FR1H6 Datasheet HTML 67Page - STMicroelectronics STR712FR1H6 Datasheet HTML 68Page - STMicroelectronics STR712FR1H6 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
STR71xF
Electrical parameters
65/77
USB Characteristics
The USB interface is USB-IF certified (Low Speed and Full Speed).
5.3.9
ADC characteristics
Subject to general operating conditions for AVDD, fPCLK2, and TA unless otherwise specified.
Notes:
1.
Unless otherwise specified, typical data are based on TA=25°C and AVDD-AVSS=3.3V. They are given only
as design guidelines and are not tested.
2.
Any added external serial resistor will downgrade the ADC accuracy (especially for resistance greater than
10k
Ω). Data based on characterization results, not tested in production.
3.
Calibration is needed once after each power-up.
Table 37.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ 1)
Max
Unit
fMOD
Modulator Oversampling
frequency
2.1
MHz
VAIN
Conversion voltage range 2)3)
02.5
V
Ilkg
Negative input leakage current on
analog pins
VIN<VSS, | IIN |<
400µA on adjacent
analog pin
56
µA
PBR
Passband Ripple
0.1
dB
SINAD
S/N and Distortion
56
63
dB
THD
Total Harmonic Distortion
60
74
dB
ZIN
Input Impedance
fMOD = 2 MHz
1
M
Ω
CADC
Internal sample and hold capacitor
3.2
pF
tCONV
Total Conversion time (including
sampling time)
4096/
fMOD
(max)
IADC
Normal mode
TA = 27 °C
2.5
3.0
mA
Standby mode
TA = 27 °C
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com