Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR712FR1H6 Datasheet(PDF) 61 Page - STMicroelectronics

Part # STR712FR1H6
Description  ARM7TDMI??32-bit MCU with Flash, USB, CAN 5 timers, ADC, 10 communications interfaces
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR712FR1H6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STR712FR1H6 Datasheet HTML 57Page - STMicroelectronics STR712FR1H6 Datasheet HTML 58Page - STMicroelectronics STR712FR1H6 Datasheet HTML 59Page - STMicroelectronics STR712FR1H6 Datasheet HTML 60Page - STMicroelectronics STR712FR1H6 Datasheet HTML 61Page - STMicroelectronics STR712FR1H6 Datasheet HTML 62Page - STMicroelectronics STR712FR1H6 Datasheet HTML 63Page - STMicroelectronics STR712FR1H6 Datasheet HTML 64Page - STMicroelectronics STR712FR1H6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 77 page
background image
STR71xF
Electrical parameters
61/77
5.3.8
Communications interfaces
I2C - Inter IC Control Interface
Subject to general operating conditions for V33, fPCLK1, and TA unless otherwise specified.
The STR7 I2C interface meets the requirements of the Standard I2C communication
protocol described in the following table with the restriction mentioned below:
Note:
Restriction: The I/O pins which SDA and SCL are mapped to are not “True” Open-Drain:
when configured as open-drain, the PMOS connected between the I/O pin and V33 is
disabled, but it is still present. Also, there is a protection diode between the I/O pin and V33.
Consequently, when using this I2C in a multi-master network, it is not possible to power off
the STR7X while some another I2C master node remains powered on: otherwise, the
STR7X will be powered by the protection diode.
Refer to I/O port characteristics for more details on the input/output alternate function
characteristics (SDA and SCL).
Notes:
1.
Data based on standard I2C protocol requirement, not tested in production.
2.
The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the
undefined region of the falling edge of SCL.
3.
The maximum hold time of the START condition has only to be met if the interface does not stretch the low
Table 34.
I2C Characteristics
Symbol
Parameter
Standard mode
I2C
Fast mode I2C5)
Unit
Min 1)
Max 1)
Min 1)
Max 1)
tw(SCLL)
SCL clock low time
4.7
1.3
µs
tw(SCLH)
SCL clock high time
4.0
0.6
tsu(SDA)
SDA setup time
250
100
ns
th(SDA)
SDA data hold time
0 3)
0 2)
900 3)
tr(SDA)
tr(SCL)
SDA and SCL rise time
1000
20+0.1C
b
300
tf(SDA)
tf(SCL)
SDA and SCL fall time
300
20+0.1C
b
300
th(STA)
START condition hold time
4.0
0.6
µs
tsu(STA)
Repeated START condition setup
time
4.7
0.6
tsu(STO)
STOP condition setup time
4.0
0.6
µs
tw(STO:STA)
STOP to START condition time (bus
free)
4.7
1.3
µs
Cb
Capacitive load for each bus line
400
400
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com