Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 275 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 275 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 271Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 272Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 273Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 274Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 275Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 276Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 277Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 278Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 279Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 275 / 1386 page
background image
60x Signals
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
7-17
7.2.8.3.1
Partial Data Valid (PSDVAL)—Input
Following are the state meaning and timing comments for the PSDVAL input signal. Note that TA asserts
with PSDVAL to indicate the termination of the current transfer and for each complete data beat in burst
transactions.
State Meaning
Asserted—Indicates that a beat data transfer completed successfully. Note that
PSDVAL must be asserted for each data beat in a single beat, port size and burst
transaction,. For more information, see Section 8.5.5, “Port Size Data Bus
Transfers and PSDVAL Termination.”
Negated—(During DBB) indicates that, until PSDVAL is asserted, the MPC8280
must continue to drive the data for the current write or must wait to sample the data
for reads.
Timing Comments
Assertion—Must not occur before AACK for the current transaction (if the
address retry mechanism is to be used to prevent invalid data from being used by
the MPC8280); otherwise, assertion may occur at any time during the assertion of
DBB. The system can withhold assertion of PSDVAL to indicate that the
MPC8280 should insert wait states to extend the duration of the data beat.
Negation—Must occur after the bus clock cycle of the final (or only) data beat of
the transfer. For a burst and/or port size transfer, the system can assert PSDVAL
for one bus clock cycle and then negate it to insert wait states during the next beat.
(Note: when the MPC8280 processor is configured for 1:1 clock mode and is
performing a burst read into the data cache, the MPC8280 requires two wait state
between the assertion of TS and the first assertion of PSDVAL for that transaction,
or 1 wait state for 1.5:1 clock mode.)
7.2.8.3.2
Partial Data Valid (PSDVAL)—Output
Following are the state meaning and timing comments for PSDVAL as an output signal.
State Meaning
Asserted—Indicates that the data has been latched for a write operation, or that the
data is valid for a read operation, thus terminating the current data beat. If it is the
last or only data beat, this also terminates the data tenure.
Negated—Indicates that the master must extend the current data beat (insert wait
states) until data can be provided or accepted by the MPC8280.
Timing Comments
Assertion—Occurs on the clock in which the current data transfer can be
completed.
Negation—Occurs after the clock cycle of the final (or only) data beat of the
transfer. For a burst transfer, PSDVAL may be negated between beats to insert one
or more wait states before the completion of the next beat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com