Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 307 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 307 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 303Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 304Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 305Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 306Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 307Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 308Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 309Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 310Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 311Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 1386 page
background image
The 60x Bus
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
8-31
8.7.1
Support for the lwarx/stwcx. Instruction Pair
The load word and reserve indexed (lwarx) and the store word conditional indexed (stwcx.) instructions
provide a way to update memory atomically by setting a reservation on the load and checking that the
reservation is still valid before the store is performed. In the MPC8280, reservations are made on behalf
of aligned, 32-byte sections of the memory address space.
The reservation (RSRV) output signal is driven synchronously with the bus clock and reflects the status of
the reservation coherency bit in the reservation address register.
Note that each external master must do its own snooping; the MPC8280 does not provide external
reservation snooping.
8.7.2
TLBISYNC Input
The TLBISYNC input permits hardware synchronization of changes to MMU tables when the MPC8280
and another DMA master share the MMU translation tables in system memory. A DMA master asserts
TLBISYNC when it uses shared addresses that the MPC8280 could change in the MMU tables during the
DMA master’s tenure.
When the TLBISYNC input is asserted, the MPC8280 cannot complete any instructions past a tlbsync
instruction. Generally, during the execution of an eciwx or ecowx instruction, the selected DMA device
should assert the MPC8280’s TLBISYNC signal and hold it asserted during its DMA tenure if it is using
a shared translation address. Subsequent instructions by the MPC8280 processor should include a sync and
tlbsync instruction before any MMU table changes are performed. This prevents the MPC8280 from
making disruptive table changes during the DMA tenure.
8.8
Little-Endian Mode
The MPC8280 supports a little-endian mode in which low-order address bits are operated on (munged)
based on the size of the requested data transfer. This mode allows a little-endian program running on the
processor with a big-endian memory system to offset into a data structure and receive the same results as
it would if it were operating on a true little-endian processor and memory system. For example, writing a
word to memory as a word operation on the bus and then reading in the second byte of that word as a byte
operation on the bus.
NOTE
When the processor is selected for little-endian operation, the bus interface
is still operating in big-endian mode. That is, byte address 0 of a double
word (as selected by A[29–31] on the bus—after the internal address
munge) still selects the most significant (left most) byte of the double word
on D[0–7]. If the processor interfaces with a true little-endian environment,
the system may need to perform byte-lane swapping or other operations
external to the processor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com