Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 315 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 315 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 311Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 312Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 313Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
9-7
9.9.1.2
PCI Protocol Fundamentals
The bus transfer mechanism on the PCI bus is called a burst. A burst is comprised of an address phase and
one or more data phases.
All signals are sampled on the rising edge of the PCI clock. Each signal has a setup and hold window with
respect to the rising clock edge, in which transitions are not allowed. Outside this aperture, signal values
or transitions have no significance.
Table 9-2. PCI Command Definitions
PCI_C/BE[3-0]
Command Type
Supported as:
Definition
Initiator
Target
0b0000
Interrupt acknowledge
YES
NO
A read implicitly addressed to the system interrupt
controller. The size of the vector to be returned is
indicated on the byte enables after the address phase.
0b0001
Special cycle
YES
NO
Provides a simple message broadcast mechanism. See
Section 9.9.1.4.6, “Special Cycle Command.”
0b0010
I/O read
YES
NO
Accesses agents mapped in I/O address space.
0b0011
I/O write
YES
NO
Accesses agents mapped in I/O address space.
0b010x
—
—
—
Reserved. No response occurs.
0b0110
Memory read
YES
YES
Accesses agents mapped in memory address space. A
read from prefetchable space, when seen as a target,
fetches a cache line of data (32 bytes) from the starting
address, even though all 32 bytes may not actually be
sent to the initiator.
0b0111
Memory write
YES
YES
Accesses agents mapped in memory address space.
0b100x
—
—
—
Reserved. No response occurs.
0b1010
Configuration read
YES
YES
Accesses the configuration space of each agent. An
agent is selected when its IDSEL signal is asserted. See
Section 9.9.1.4.4, “Host Mode Configuration Access” for
more detail of configuration accesses. As a target, a
configuration read is only accepted if the PCI bridge is
configured to be in agent mode.
0b1011
Configuration write
YES
YES
Accesses the configuration space of each agent. An
agent is selected when its IDSEL signal is asserted. See
Section 9.9.1.4.4, “Host Mode Configuration Access”. As
a target, a configuration write is only accepted if the PCI
bridge is configured to be in agent mode.
0b1100
Memory read multiple
YES
YES
Causes a prefetch of the next cache line.
0b1101
Dual address cycle
NO
NO
Transfers an 8 byte address to devices.
0b1110
Memory read line
YES
YES
Indicates that the initiator intends to transfer an entire
cache line of data.
0b1111
Memory write and
invalidate
NO
YES
Indicates that the initiator will transfer an entire cache line
of data, and if PCI has any cacheable memory, this line
needs to be invalidated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com