Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 318 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 318 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 314Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 315Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-10
Freescale Semiconductor
A read transaction starts when FRAME is asserted for the first time and the PCI_C/BE[3-0] signals
indicate a read command. Figure 9-3 shows an example of a single beat read transaction.
Figure 9-3. Single Beat Read Example
Figure 9-4 shows an example of a burst read transaction.
Figure 9-4. Burst Read Example
During the turnaround-cycle following the address phase, the PCI_C/BE[3-0] signals indicate which byte
lanes are involved in the data phase. The turnaround-cycle must be enforced by the target with the TRDY
signal if using fast DEVSEL assertion. The earliest the target can provide valid data is one cycle after the
turnaround-cycle. The target must drive the AD[31-0] signals when DEVSEL is asserted.
The data phase completes when data is transferred, which occurs when both IRDY and TRDY are asserted
on the same clock edge. When either is negated a wait cycle is inserted and no data is transferred. To
indicate the last data phase IRDY must be asserted when FRAME is negated.
A write transaction starts when FRAME is asserted for the first time and the PCI_C/BE[3-0] signals
indicate a write command. Figure 9-5 shows an example of a single beat write transaction.
ADDR
CMD
BYTE ENABLES
PCI_CLK
AD[31:0]
PCI_C/BE[3:0]
FRAME
IRDY
DEVSEL
TRDY
DATA
ADDR
CMD
PCI_CLK
AD[31:0]
PCI_C/BE[3:0]
FRAME
IRDY
DEVSEL
TRDY
DATA2
DATA1
BYTE ENABLES 2
BYTE ENABLES 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com