Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 320 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 320 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 316Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 317Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 318Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 319Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 320Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 321Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 322Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 323Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 324Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 1386 page
background image
PCI Bridge
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
9-12
Freescale Semiconductor
When the PCI bridge as a target needs to suspend a transaction, it asserts STOP. Once asserted, STOP
remains asserted until FRAME is negated. Depending on the circumstances, data may or may not be
transferred during the request for termination. If TRDY and IRDY are asserted during the assertion of
STOP, data is transferred. This type of target-initiated termination is called a ‘disconnect B,’ shown in
Figure 9-7. If TRDY is asserted when STOP is asserted but IRDY is not, TRDY must remain asserted until
IRDY is asserted and the data is transferred. This is called a “disconnect A” target-initiated termination,
also shown in Figure 9-7. However, if TRDY is negated when STOP is asserted, no more data is
transferred, and the initiator therefore does not have to wait for a final data transfer (see the ‘retry’ diagram
in Figure 9-7).
Figure 9-7. Target-Initiated Terminations
Note that when an initiator is terminated by STOP, it must negate its REQx signal for a minimum of two
PCI clocks (of which one clock is needed for the bus to return to the idle state). If the initiator intends to
complete the transaction, it should reassert its REQx immediately following the two clocks or potential
starvation may occur. If the initiator does not intend to complete the transaction, it can assert REQx
whenever it needs to use the PCI bus again.
The PCI bridge terminates a transaction in the following cases:
•
Eight PCI clock cycles have elapsed between data phases. This is a ‘latency disconnect’ (see
Figure 9-7).
PCI_CLK
FRAME
IRDY
DEVSEL
TRDY
STOP
Disconnect A
Disconnect B
Retry
PCI_CLK
FRAME
IRDY
DEVSEL
TRDY
STOP
Latency disconnect
PCI_CLK
FRAME
IRDY
DEVSEL
TRDY
STOP
Target abort



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com