| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 551 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 551 Page - Freescale Semiconductor, Inc |
|
551 / 1386 page ![]() MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 14-1 Chapter 14 Communications Processor Module Overview The MPC8280’s communications processor module (CPM) is a superset of the MPC860 PowerQUICC CPM, with enhancements in performance. The support for multiple HDLC channels is enhanced to support up to 256 HDLC channels. 14.1 Features The CPM includes various blocks to provide the system with an efficient way to handle data communication tasks. The following is a list of the CPM’s important features. • Communications processor (CP) — One instruction per clock — Executes code from internal ROM or dual-port RAM — 32-bit RISC architecture — Tuned for communication environments: instruction set supports CRC computation and bit manipulation. — Internal timer — Interfaces with the embedded G2_LE core processor through a dual-port RAM and virtual DMA channels for each peripheral controller. — Handles serial protocols and virtual DMA. • Three full-duplex fast serial communications controllers (FCCs) support the following protocols: — ATM protocol through UTOPIA interface (FCC1 and FCC2 only) (Not on MPC8270) — IEEE802.3/Fast Ethernet — HDLC — Totally transparent operation • Two multi-channel controllers (MCCs) (only MCC2 on the MPC8270 and the MPC8275) that together can handle up to 256 HDLC/transparent channels at 64 Kbps each, multiplexed on up to eight TDM interfaces • Four full-duplex serial communications controllers (SCCs) support the following protocols: — IEEE 802.3/Ethernet — High level/synchronous data link control (HDLC/SDLC) — LocalTalk (HDLC-based local area network protocol) — Universal asynchronous receiver transmitter (UART) — Synchronous UART (1x clock mode) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |