Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 587 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 587 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 583Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 584Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 585Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 586Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 587Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 588Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 589Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 590Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 591Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 587 / 1386 page
background image
Serial Interface with Time-Slot Assigner
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
15-9
15.4.1
One Multiplexed Channel with Static Frames
The example in Figure 15-5 shows one of many possible settings. With this configuration, the SIx RAM
has 256 entries for transmit data and strobe routing and 256 entries for receive data and strobe routing. This
configuration should be chosen only when one TDM is required and the routing on that TDM does not
need to be dynamically changed. The number of entries available in the SIx RAM is determined by the
user.
Figure 15-5. One TDM Channel with Static Frames and Independent Rx and Tx Routes
15.4.2
One Multiplexed Channel with Dynamic Frames
In the configuration shown in Figure 15-6, one multiplexed channel has 256 entries for transmit data and
strobe routing and 256 entries for receive data and strobe routing. Each RAM has two sections, the
current-route RAM and a shadow RAM for changing serial routing dynamically.
After programming the shadow RAM, the user sets SIxCMDR[CSRxn] for the associated channel. When
the next frame sync arrives, the SI automatically exchanges the current-route RAM for the shadow RAM.
See Section 15.4.5, “Static and Dynamic Routing.”
256 Entries
TXa
Route
Framing Signals
L1TCLKa
x
L1TSYNCa
x
SI
x RAM address:
256 Entries
RXa
Route
511
1535
1024
L1RCLKa
x
L1RSYNCa
x
(each entry is16 bits wide)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com