| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 584 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 584 Page - Freescale Semiconductor, Inc |
|
584 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 15-6 Freescale Semiconductor At its most flexible, the TSA can provide four separate TDM channels, each with independent receive and transmit routing assignments and independent sync pulse and clock inputs. Thus, the TSA can support eight, independent, half-duplex TDM sources, four in reception and four in transmission, using eight sync inputs and eight clock inputs. Figure 15-3 shows a dual-channel example. Figure 15-3. Dual TDM Channel Example In addition to channel programming, the TSA supports up to four strobe outputs that may be asserted on a bit or byte basis. These strobes are completely independent from the channel routing used by the SCCs and SMCs. The strobe outputs are useful for interfacing to other devices that do not support the multiplexed interface or for enabling/disabling three-state I/O buffers in a multiple-transmitter architecture. Notice that open-drain programming on the TXDx pins that supports a multiple-transmitter architecture occurs in the parallel I/O block. These strobes can also be used for generating output wave forms to support such applications as stepper-motor control. Most TSA programming is done in the two 256- × 16-bit SIx RAMs. These SIx RAMs are directly accessible by the core in the internal register section of the MPC8280 and are not associated with the dual-port RAM. One SIx RAM is always used to program the transmit routing; the other is always used to SCC3 SMC1 TDMa Rx TSA TDMa TDMb TDMa Tx SYNC TDMa Tx CLOCK SCC2 SMC1 SCC2 TDMa Rx Sync TDMa Rx Clock TDMa Rx SCC3 SCC4 TDMa Tx TDMb Tx Sync TDMb Tx Clock TDMb Rx Sync TDMb Rx Clock SCC2 SMC1 TDMb Rx Note: SCCs can receive on one TDM and transmit on another (SCC2 and SCC3). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |