| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 581 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 581 Page - Freescale Semiconductor, Inc |
|
581 / 1386 page ![]() Serial Interface with Time-Slot Assigner MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 15-3 15.1 Features Each SI has the following features: • Can connect to four independent TDM channels. Each TDM can be one of the following: — T1 or E1 line — Integrated services digital network primary rate (PRI) — An ISDN basic rate–interchip digital link (IDL) channel in up to four TDM channels—each IDL channel requires support from a separate SCC — ISDN basic rate–general circuit interface (GCI) in up to two TDM channels—each GCI channel requires support from a separate SMC — E3 or DS3 clear channel on TDMa only (parallel-nibble interface) — User-defined interfaces • Independent, programmable transmit and receive routing paths • Independent transmit and receive frame syncs allowed • Independent transmit and receive clocks allowed • Selection of rising/falling clock edges for the frame sync and data bits • Supports 1 × and 2× input clocks (1 or 2 clocks per data bit) • Selectable delay (0–3 bits) between frame sync and frame start • Four programmable strobe outputs and four (2 ×) clock output pins • 1- or 8-bit resolution in routing, masking, and strobe selection • Supports frames up to 16,384 bits long • Internal routing and strobe selection can be dynamically programmed • Supports automatic echo and loopback mode for each TDM • Maximum TDM frequency is serial-dependent: CPM Clock 7 — for MCCs CPM Clock 6 — for FCCs transparent — for all other serials CPM Clock 3 — for FCCs HDLC CPM Clock 4 — for FCCs HDLC nibble mode |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |