| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 878 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 878 Page - Freescale Semiconductor, Inc |
|
878 / 1386 page ![]() Serial Management Controllers (SMCs) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 28-24 Freescale Semiconductor Figure 28-12. Synchronization with the TSA Once SMCMR[REN] is set, the first time-slot after the frame sync causes the SMC receiver to achieve synchronization. Data is received immediately, but only during defined receive time slots. The receiver continues receiving data during its defined time slots until REN is cleared. If an ENTER HUNT MODE command is issued, the receiver loses synchronization, closes the buffer, and resynchronizes to the first time slot after the frame sync. Once SMCMR[TEN] is set, the SMC waits for the transmit FIFO to be loaded before trying to achieve synchronization. When the transmit FIFO is loaded, synchronization and transmission begins depending on the following: • If a buffer is made ready when the SMC2 is enabled, the first byte is placed in time slot 1 if CLSN is 8 and to slot 2 if CLSN is 16. • If a buffer has its SMC enabled, then the first byte in the next buffer can appear in any time slot associated with this channel. • If a buffer is ended with the L bit set, then the next buffer can appear in any time slot associated with this channel. If the SMC runs out of transmit buffers and a new buffer is provided later, idles are sent in the gap between buffers. Data transmission from the later buffer begins at the start of an SMC time slot, but not necessarily the first time slot after the frame sync. So, to maintain a certain bit alignment beginning with the first time slot, make sure that at least one TxBD is always ready and that underruns do not occur. Otherwise, the SMC transmitter should be disabled and reenabled. Section 28.2.4, “Disabling SMCs On-the-Fly,” TDM Tx CLK TDM Tx SYNC TDM Tx After TEN If SMC runs out of Tx buffers and new ones are provided later, transmission begins at is set, transmission begins here. the beginning of either time slot. SMC1 SMC1 TDM Rx CLK TDM Rx SYNC TDM Rx After REN is set or after enter hunt mode command, reception begins here. SMC1 SMC1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |