| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 994 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 994 Page - Freescale Semiconductor, Inc |
|
994 / 1386 page ![]() ATM Controller and AAL0, AAL1, and AAL5 MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 31-34 Freescale Semiconductor Figure 31-21. ATM-to-TDM Interworking When going from TDM to ATM, the MCC receiver routes data from the TDM line to a specific BD table. The ATM controller transmitter is programmed to operate on the same table. When the MCC fills a receive buffer, the ATM controller sends it. The two controllers synchronize on the MCC’s RxBD[E] and the ATM controller’s TxBD[R]. When going from ATM to TDM, the ATM receiver reassembles data received from a particular channel to a specific BD table. The MCC transmitter is programmed to operate on the same table. When the ATM controller fills a receive buffer, the MCC controller sends it. The controllers synchronize on the ATM controller’s RxBD[E] and the MCC’s TxBD[R]. The MCC and ATM receivers must be programmed to operate in opposite E-bit polarity. That is, both receivers receive data into buffers whose RxBD[E] = 0 and set RxBD[E] when a buffer is full. For the ATM receiver, set RCT[INVE] of the AAL1- and AAL0-specific areas of the receive connection table; see Section 31.10.2.2, “Receive Connection Table (RCT).” For the MCC receiver, set CHAMR[EP]; see Section 29.3.2.3, “Channel Mode Register (CHAMR)—Transparent Mode.” 31.9.2 Using Interrupts in Automatic Data Forwarding The core can program the MCC and ATM interrupt mechanism to trigger interrupts for events such as a buffer closing or transfer errors. The interrupt mechanism can be used to synchronize the start of the automatic bridging process. For example, to start the MCC transmitter after a specific buffer reaches the ATM receiver (the buffering is required to cope with the ATM network’s CDV), set ATM RxBD[I]. When the receive buffer is full, the RxBD is closed, RxBD[E] is set (because it is operating in opposite E-bit polarity), and the core is interrupted. The core then starts the MCC transmitter. MCC Transmitter TDM Interface Buffer 1 Buffer 2 Buffer 3 Buffer 4 Buffer 5 ATM* Receiver UTOPIA Interface BD Table 0BD 1 1BD 2 1BD 3 0BD 4 0BD 5 MCC Tx ptr ATM Rx ptr ATM Transmitter UTOPIA Interface Buffer 1 Buffer 2 Buffer 3 Buffer 4 Buffer 5 MCC* Receiver TDM Interface BD Table 0BD 1 1BD 2 1BD 3 0BD 4 0BD 5 ATM Tx ptr MCC Rx ptr * The MCC and ATM receivers should be programmed to operate in opposite polarity E (empty) bit. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |