Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1007 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1007 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1003Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1007 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
Freescale Semiconductor
31-47
31.10.2.2.2
AAL5-ABR Protocol-Specific RCT
Figure 31-27 shows the AAL5-ABR protocol-specific area of an RCT entry.
Table 31-18 describes AAL5-ABR protocol-specific RCT fields.
31.10.2.2.3
AAL1 Protocol-Specific RCT
Figure 31-28 shows the AAL1 protocol-specific area of an RCT entry.
0
15
Offset + 0x0E
AAL5 Protocol-Specific
Offset + 0x10
Offset + 0x12
Offset + 0x14
Offset + 0x16
PCR
Offset + 0x18
RDF
RIF
AAL5 Protocol-Specific
Figure 31-27. AAL5-ABR Protocol-Specific RCT
Table 31-18. ABR Protocol-Specific RCT Field Descriptions
Offset
Bits
Name
Description
0x0E
—
—
AAL5 protocol-specific
0x16
—
PCR
Peak cell rate. The peak number of cells per second of the current ABR channel. The ACR
(allowed cell rate) never exceeds this value. PCR uses the ATMF TM 4.0 floating-point
format.
0x18
0–3
RDF
Rate decrease factor for the current ABR channel. Controls the decrease in cell
transmission rate upon receipt of a backward RM cell. RDF represents a negative
exponent of two, that is, the decrease factor = 2-RDF. The decrease factor ranges from
1/32768 (RDF=0xF) to 1 (RDF=0).
4–7
RIF
Rate increase factor of the current ABR channel. Controls the increase in the cell
transmission rate upon receipt of a backward RM cell. RIF represents a negative exponent
of two, that is, the increase factor = 2-RIF. The increase factor ranges from 1/32768
(RIF=0xF) to 1 (RIF=0).
8–15
—
AAL5 protocol-specific
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Offset + 0x0E
—
PFM
SRT INVE
STF
—
Offset + 0x10
SRTS_TMP
—
—
SRTS_DEV
Offset + 0x12
—
Valid Octet Size (VOS)
SPV
Structured Pointer (SP)
Offset + 0x14
RBDCNT
Offset + 0x16
—
SN
Offset + 0x18
—
SNEM
—
RXBM
—
Figure 31-28. AAL1 Protocol-Specific RCT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com