Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8280 Datasheet(PDF) 1008 Page - Freescale Semiconductor, Inc

Part # MPC8280
Description  PowerQUICC??II Family Reference Manual
PDF  1386 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280 Datasheet(HTML) 1008 Page - Freescale Semiconductor, Inc

Back Button MPC8280 Datasheet HTML 1004Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1005Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1006Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1007Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1008Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1009Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1010Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1011Page - Freescale Semiconductor, Inc MPC8280 Datasheet HTML 1012Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1008 / 1386 page
background image
ATM Controller and AAL0, AAL1, and AAL5
MPC8280 PowerQUICC II Family Reference Manual, Rev. 1
31-48
Freescale Semiconductor
Table 31-19 describes AAL1 protocol-specific RCT fields.
Table 31-19. AAL1 Protocol-Specific RCT Field Descriptions
Offset
Bits
Name
Description
0x0E
0–7
—
Reserved, should be cleared.
8
PFM
Partially filled mode.
0 Partially filled cells mode is not used.
1 Partially filled cells mode is used. The receiver copies only valid octets from the
AAL1 cell to the Rx buffer. The number of the valid octets from the beginning of the
AAL1 user data field is specified in the VOS (valid octet size) field.
9
SRT
Synchronous residual time stamp. Unstructured format only. The MPC8280 supports
clock recovery using an external SRTS PLL. The MPC8280 tracks the SRTS from the
incoming four cells with SN = 1, 3, 5, and 7 and writes it to the external SRTS device.
Every eight cells the CP writes a valid SRTS to external logic. (See Section 31.16,
“SRTS Generation and Clock Recovery Using External Logic.”)
0 SRTS mode is not used.
1 SRTS mode is used.
10
INVE
Inverted empty.
0 RxBD[E] is interpreted normally (1 = empty, 0 = not empty).
1 RxBD[E] is handled in negative logic (0 = empty, 1 = not empty).
11
STF
Structured format
0 Unstructured format is used.
1 Structured format is used.
12–15
—
Reserved, should be cleared.
0x10
0–3
SRTS_TMP Used by the CP to store the received SRTS code. After a cell with SN = 7 is received,
the CP writes the SRTS code to the external SRTS device.
4–11
—
Reserved, should be cleared.
12–15
SRTS_DEV Selects an SRTS device, whose address is SRTS_BASE[0–27] + SRTS_DEV[28–31].
The 16 byte-aligned SRTS_BASE is taken from the parameter RAM.
0x12
0–1
—
Reserved, should be cleared.
2–7
VOS
Valid octet size. Specifies the number of valid octets from the beginning of the AAL1
user data field. For unstructured, service values 1–47 are valid; for structured service,
values 1-46 are valid. Partially filled cell mode only.
8
SPV
Structured pointer valid. Should be user-initialized user to zero. Structured format only.
9–15
SP
Structured pointer. Used by the CP to calculate the structured pointer. This field should
be initialized by the user to zero. Used in structured format only.
0x14
—
RBDCNT
RxBD count. Indicates how may bytes remain in the current Rx buffer. Initialized with
MRBLR whenever the CP opens a new buffer.
0x16
0–12
—
Reserved, should be cleared.
13–15
SN
Sequence number. Used by the CP to check incoming cell’s sequence number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com