| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1065 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1065 Page - Freescale Semiconductor, Inc |
|
1065 / 1386 page ![]() ATM AAL1 Circuit Emulation Service MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 Freescale Semiconductor 32-5 received octet becomes the first byte of the new BD (new super frame). (See Section 32.5, “ATM-to-TDM Adaptive Slip Control” and Section 32.4, “Interworking Functions.”) Note that when the ATM channel is not in CES mode, no restart sequence is performed; the ATM receiver immediately starts hunting for the first valid cell. The first received octet becomes the first byte of the next BD. During reassembly, the ATM receiver channel’s 3-step-SN algorithm status is delivered to the pointer verification mechanism. (See Section 32.7, “Pointer Verification Mechanism.”) If the receiver operates in unstructured data format, the 3-step-SN algorithm status is delivered directly to the bit count integrity module. When partially filled cells arrive, the bit count integrity module copies only the valid octets from the received cell (or from the dummy cell if that cell is lost) to the current receive buffer. In unstructured AAL1 format, when the receive process begins, the receiver hunts for the first cell with a valid sequence number (SN field). When one arrives, the receiver leaves the hunt state and begins receiving incoming cells. In structured AAL1 format, when the receive process begins, the receiver hunts for the first cell with a valid structured pointer (not a dummy pointer), that points to the start of a new structure. When one arrives, the receiver leaves the hunt state, opens a new buffer and begins receiving. The structured pointer points to the first octet of the structured block, which then becomes the first byte of the new buffer. During the reassembly process, if the receiver switches to hunt mode (due to the 3-step-SN algorithm or due to receiving two successive mismatched pointers), the ATM receiver closes the current RxBD, discards incoming cells, modifies the receive statistics accordingly and initiates a restart sequence. The receiver then waits for a cell with a valid structured pointer to regain synchronization and start receiving incoming cells again. The MPC8280 supports SRTS clock recovery using an external PLL. The MPC8280 tracks the SRTS from the four incoming cells and writes the SRTS code to external logic. See Section 31.16, “SRTS Generation and Clock Recovery Using External Logic.” The data flow for an AAL1 CES receiver is summarized in Figure 32-4. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |