| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1148 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1148 Page - Freescale Semiconductor, Inc |
|
1148 / 1386 page ![]() Inverse Multiplexing for ATM (IMA) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 34-2 Freescale Semiconductor I The MPC8280’s IMA microcode alone does not implement all of these functions. Software running on the MPC8280 is responsible for managing the start-up procedure, handling changes in group control, status, and maintaining the Link State Machine and Group State Machine. In general, the MPC8280 IMA microcode implements most of the IMA sublayer user plane functions and provides interrupts/statistics for the layer and plane management functions. The key features of the IMA microcode are: • Supports any FCC with multi-PHY UTOPIA capability • Supports both IMA links and non-IMA links on the same FCC (on a per-PHY basis) • Supports up to 8 IMA groups with one FCC • Supports up to 8 links per IMA group using an internal TC layer hardware • Supports up to 31 links per IMA group using an external TC layer device. Note that a maximum of 31 total links can be supported either on FCC1 or FCC2 but not concurrently on both FCCs) • Performs the following IMA User Plane functions — ATM cell stream splitting and reconstruction — ICP cell insertion/removal--communication of control and framing information — Cell rate decoupling--insertion of ‘filler’ cells when ATM layer cells are unavailable — IMA frame synchronization--finding IMA frame boundaries within links Table 34-1. IMA Sublayer in Layer Reference Model Layer Sublayer User Plane Functions Layer Management Functions Plane Management Functions ATM — —— — Physical IMA Specific Transmission Convergence • ATM cell stream splitting and reconstruction • ICP Cell Insertion & Removal • Cell Rate decoupling • IMA frame synch • Stuffing • Discarding bad-HEC cells • IMA connectivity • ICP cell errors (OIF) • LIF/LODS/RDI-IMA defect processing • RDI-IMA alarm generation • Tx/Rx IMA link state report • IMA group configuration • Link addition/removal • ATM cell rate change • IMA group failure notification • IMA statistics Interface Specific Transmission Convergence • No cell discarding • No cell rate decoupling —— • Cell delineation • Cell scrambling & descrambling • Header error correction • HEC generation & verification • HEC error indication • LCD-RDI alarm Generation • LCD failure notification • TC statistics Physical Medium Dependent • Bit timing • Line coding • Physical Medium • Local alarm processing • RDI alarm generation • Link failure notification •PMD state |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |