| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1172 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1172 Page - Freescale Semiconductor, Inc |
|
1172 / 1386 page ![]() Inverse Multiplexing for ATM (IMA) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 34-26 Freescale Semiconductor 0x02 TGRPORDER Hword Offset of transmit group order table in DPRAM. Can be changed on the fly. 0x04 TVPHYNUM Byte Transmit Virtual PHY number. Maps this IMA transmit group to a virtual PHY number for the purpose of selecting an ATM pace controller (APC) table number for this IMA group. Note that this parameter must be unique; it must not conflict with the PHY number of any non-IMA PHYs or with the TVPHYNUM of any other IMA group. If there are any PHY numbers which will never be used in a system (i.e. the actual PHY with the address does not exist), then TVPHYNUM should be selected from one of these PHYs. If no such PHY numbers are available (i.e. the multi-PHY interface consists of the full 31 PHYs), then select TVPHYNUM from one of the PHY numbers of the PHYs within this IMA group. 0x05 TIFSN Byte Transmit IMA Frame Sequence Number (IFSN). Microcode-managed parameter. Increments each time an IMA frame is transmitted, cycling from 0 through 255. Should be initialized to zero at group start-up. 0x06 TMCTR Byte Transmit IMA M counter. Microcode-managed parameter. Tracks IMA frame boundaries. Increments once per round-robin distribution of cells to the transmit queues, cycling from 0 through M. Initialize to zero at group startup. 0x07 TRLSTFCNT Byte TRL stuff frame counter. Microcode-managed parameter. Controls required stuffing on the TRL. Decrements each time an ICP cell is sent on the TRL, cycling from TRLSTFN through 0. A TRL stuff event occurs when it reaches zero. Initialize to the value of TRLSTFN at group start-up. 0x08 TICPPTR Hword Offset of transmit ICP cell payload template area in DPRAM. Must be 64-byte aligned. This parameter and the associated template area may only be changed when IGCNTL[ICPC]=IGTSTATE[ICPCA]. After changing TICPPTR, IGCNTL[ICPC] must be toggled. 0x0A TM Byte Transmit IMA frame size. Program to 31, 63, 127, or 255 for frame sizes (M) of 32, 64, 128, or 256, respectively. 0x0B TRLSTFN Byte TRL stuff frame number. Defines the number of IMA frames sent between TRL stuff events. For ITC operation IGTCNT[CTC] = 0, program TRLSTFN = 2048/M. For CTC operation IGTCNT[CTC] = 1, program TRLSTFN = (2048/M) – 1. Refer to Section 34.4.4.1.1, “IMA Group Transmit Control (IGTCNTL)." 0x0C TNUMLINKS Byte Number of transmit links in the IMA group that are in the active state (ILTCNTL[TXSC]=01). Used by the APC to scale the rescheduling parameters appropriately when rescheduling channels. 0x0D RTSTPCNT Byte Real time-stamp subcounter. Microcode-managed parameter, used by the APC. Initialize to zero at group start-up. 0x0E IASNCCtr Byte Required for optional TRL Service Latency enhancement only. IMA APC Scheduled Number of Cells Counter - Number of cells passed to the groups links upon request. Initialize to IASNC. 0x0F IASNC Byte Required for optional TRL Service Latency enhancement only. IMA APC Scheduled Number of Cells - reset for IASNCtr. Number of cells passed to the groups links upon request. Recommended value is 1. 1 Boldfaced entries must be initialized by the user. All other parameters initialize to zero. Table 34-5. IMA Group Transmit Table Entry (continued)1 Offset Name Width Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |