| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1196 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1196 Page - Freescale Semiconductor, Inc |
|
1196 / 1386 page ![]() Inverse Multiplexing for ATM (IMA) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 34-50 Freescale Semiconductor 34.4.8.6 IDCR Counter Algorithm The IDCR count of each enabled IDCR timer is decremented each tick of the IDCR master clock. When the IDCRCNT reaches zero, a cell is processed for the associated IMA group, and IDCRCNT and IDCRCNTF are added with IDCRREQ and IDCRREQF, respectively. When IDCRCNTF overflows, the ’carry’ is added to IDCRCNT, such that the average rate of IDCRCNT timeouts equals the integer-plus-fraction rate programmed into IDCRREQ and IDCRREQF. For each tick of the IDCR master clock, the timer table is scanned from entry zero to the entry programmed in IDCR_LAST. For greatest efficiency, the groups which use IDCR-regulated reception should therefore be allocated the lowest group numbers, beginning from zero. 34.4.8.7 IDCR Events For channels running on IMA links with IDCR mode enabled, events are reported and masked in the IDSR and IDMR registers associated with the IDCR master clock. Furthermore, these events are signalled via the associated IDMAx bit in the SIPNR_L register. The fields of the IDSR and IDMR registers are shown in Figure 34-30 Note that INTO1/GRLI and INTO0/GBPB occupy the same bits in the register. Events of either type will cause this bit to be set. It is therefore recommended that if the global buffer pool feature is used for channels running on IMA links in IDCR mode, then the user should not use interrupt queues 1 and 0 for receive or transmit events from these IMA links. Table 34-27 describes the IDSR/IDMR bit fields. 0x04 IDCRREQ Hword IDCR request rate. Program to [TRLR/(RNUMLINKS x 128)] x (2048/2049). 0x06 IDCRREQF Hword IDCR request rate fraction. Holds the fractional portion of the IDCR request rate, represented as (IDCRREQF / 65536). 01234 5 6 7 Field GINT3 GINT2 GINT1 GINT0 INTO3 INTO2 INTO1/GRLI INTO0/GBPB Figure 34-30. IDMA Event/Mask Registers in IDCR Mode (IDSR/IDMR) Table 34-27. IDSR/IDMR Field Descriptions Bits Name Description 0–3 GINTx Global Interrupt. Set when an event is sent to the corresponding interrupt queue. 4–5 INTOx Interrupt queue overflow. Set when an overflow condition occurs in the corresponding interrupt queue. This occurs when the CP attempts to overwrite a valid interrupt entry.. Table 34-26. IDCR Table Entry (continued) Offset Name Width Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |