| Electronic Components Datasheet Search |
|
MPC8280 Datasheet(PDF) 1206 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8280 Datasheet(HTML) 1206 Page - Freescale Semiconductor, Inc |
|
1206 / 1386 page ![]() Inverse Multiplexing for ATM (IMA) MPC8280 PowerQUICC II Family Reference Manual, Rev. 1 34-60 Freescale Semiconductor Figure 34-33. Near-End versus Far-End 34.5.4.3.2 As Responder (RX) The IMA GSM/LSM software will receive ICP cells in the ICP buffer conveying the state of the FE’s group and links. Once it has determined that the required minimum number of links are available, it can proceed to enable the “group delay synchronization (GDS)” mechanism in which the all links in the corresponding group are analyzed to find the one with the shortest propagation delay. The amount of delay tolerated is programmable and is programmed via the setting of the beginning and ending addresses (size) of the delay compensation buffers (DCB). Note that the size of all DCBs must be the same and must be initialized before the GDS mechanism is activated. Activate GDS: • Set IGRSTATE[GDSS] to 1 (one) to enable GDS. Once GDS is enabled, the user must not alter GDSS. Once group delay synchronization is achieved, a “GDS” exception is generated. At this point, ATM stream reconstruction can take place. In order for ATM stream reconstruction to be performed by the MPC8280, the user must switch all links in the group to “active” mode (i.e., capable of receiving data cells), as specified earlier in this section. The initialization of the ATM TX and RX data structures required to generate and receive the ATM stream is out of the scope of this document, however, it is documented in Chapter 31, “ATM Controller and AAL0, AAL1, and AAL5.” 34.5.4.4 Link Addition Procedure Adding a link to an existing group requires changes to both the group and link table entries. Aside from the normal exchange of ICP cells by the state machines at the FE and NE, the following steps should be followed. In general, a new link entry is appended to the existing list of link table entries and the required parameters initialized. This has no impact until the corresponding link is enabled via the PHYEN fields in the IMA root table. Tx ICP Template TX TX Tx ICP Template ICP buffer GSM/ LSM GSM/ LSM ICP buffer RX RX Near-end MPC8280 Far-end MPC8280 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |