Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 4Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 5Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 6Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 7Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 8Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 9Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 10Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 11Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 12Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 8
Version 1.4
1
1
1 PRODUCT OVERVIEW
SN8F27E60 series 8-bit micro-controller is a new series production applied advanced semiconductor technology to
implement flash ROM architecture. Under flash ROM platform, SN8F27E60 builds in in-system-programming (ISP)
function extending to EEPROM emulation and Embedded ICE function. It offers high performance 12-ch 10-bit ADC,
3-set individual programmable PWMs, 3-type serial interfaces and flexible operating modes. Powerful functionality,
high reliability and low power consumption can apply to AC power application and battery level application easily.
1.1 FEATURES
Memory configuration
 Four 8-bit timer. (T0, TC0, TC1, TC2).
Flash ROM size: 6K x 16 bits.
Including EEROM
T0: Basic timer.
emulation. (In system programming)
TC0: Timer/counter/PWM0.
RAM size: 512 x 8 bits.
TC1: Timer/counter/PWM1.
8 levels stack buffer.
TC2: Timer/counter/PWM2
13 interrupt sources
 3 channel duty/cycle programmable PWM to
11 internal interrupts: T0, TC0, TC1, TC2, T1, ADC,
Generate PWM, Buzzer and IR carrier signals.
SIO, MSP, UTX(UART TX), URX(UART RX), WAKE
(PWM0~2).
2 external interrupts: INT0, INT1
 One 16-bit timer (T1) with capture timer function.
Multi-interrupt vector structure.
 12-channel 10-bit SAR ADC.
Each of interrupt sources has a unique interrupt vector.
 Serial Interface: SIO, UART, MSP
 Build in Embedded ICE function.
I/O pin configuration
 Four system clocks
Bi-directional: P0, P1, P4, P5.
External high clock: RC type up to 10MHz
Wakeup: P0, P1 level change.
External high clock: Crystal type up to 16MHz
Pull-up resisters: P0, P1, P4, P5.
Internal high clock: RC type 16MHz
External interrupt: P0.0, P0.1
Internal low clock: RC type 16KHz
ADC input pin: AIN0~AIN11.
 Four operating modes
Normal mode: Both high and low clock active
Fcpu (Instruction cycle)
Slow mode: Low clock only
Fcpu = Fhosc/1, Fhosc/2, Fhosc/4, Fhosc/8, Fhosc/16,
Sleep mode: Both high and low clock stop
Fhosc/32, Fhosc/64, Fhosc/128
Green mode: Periodical wakeup by timer
On chip watchdog timer and clock source
 Package (Chip form support)
1.8V/2.4V/3.3V 3-level LVD with trim.
PDIP 32 pin
LQFP 32 pin
Powerful instructions
QFN 32 pin
Instruction’s length is one word.
SDIP 32 pin
Most of instructions are one cycle only.
SKDIP 28 pin
All ROM area JMP instruction.
SOP 28 pin
All ROM area lookup table function (MOVC).
SSOP 28 pin
QFN 28 pin
DIP 20 pin
SOP 20 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com