Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 42 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 42 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 38Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 39Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 40Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 41Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 42Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 43Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 44Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 45Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 46Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 42
Version 1.4
2.5 CODE OPTION TABLE
The code option is the system hardware configurations including oscillator type, noise filter option, watchdog timer
operation, LVD option, reset pin option and Flash ROM security control. The code option items are as following table:
Code Option
Content
Function Description
High_Clk
IHRC_16M
High speed internal 16MHz RC. XIN/XOUT pins are bi-direction GPIO
mode.
IHRC_RTC
High speed internal 16MHz RC. XIN/XOUT pins are connected to
external 32768Hz crystal.
RC
Low cost RC for external high clock oscillator. XIN pin is connected to RC
oscillator. XOUT pin is bi-direction GPIO mode.
32K X’tal
Low frequency, power saving crystal (e.g. 32.768KHz) for external high
clock oscillator.
12M X’tal
High speed crystal /resonator (e.g. 12MHz) for external high clock
oscillator.
4M X’tal
Standard crystal /resonator (e.g. 4M) for external high clock oscillator.
High_Fcpu
Fhosc/1
Normal mode instruction cycle is 1 high speed oscillator clocks.
Fhosc/2
Normal mode instruction cycle is 2 high speed oscillator clocks.
Fhosc/4
Normal mode instruction cycle is 4 high speed oscillator clocks.
Fhosc/8
Normal mode instruction cycle is 8 high speed oscillator clocks.
Fhosc/16
Normal mode instruction cycle is 16 high speed oscillator clocks.
Fhosc/32
Normal mode instruction cycle is 32 high speed oscillator clocks.
Fhosc/64
Normal mode instruction cycle is 64 high speed oscillator clocks.
Fhosc/128
Normal mode instruction cycle is 128 high speed oscillator clocks.
Low_Fcpu
Flosc/1
Slow mode instruction cycle is 1 low speed oscillator clocks.
Flosc/2
Slow mode instruction cycle is 2 low speed oscillator clocks.
Flosc/4
Slow mode instruction cycle is 4 low speed oscillator clocks.
Flosc/8
Slow mode instruction cycle is 8 low speed oscillator clocks.
Noise_Filter
Enable
Enable Noise Filter.
Disable
Disable Noise Filter.
WDT_CLK
Flosc/4
Watchdog timer clock source Flosc/4.
Flosc/8
Watchdog timer clock source Flosc/8.
Flosc/16
Watchdog timer clock source Flosc/16.
Flosc/32
Watchdog timer clock source Flosc/32.
Watch_Dog
Always_On
Watchdog timer is always on enable even in power down and green
mode.
Enable
Enable watchdog timer. Watchdog timer stops in power down mode and
green mode.
Disable
Disable Watchdog function.
Reset_Pin
Reset
Enable External reset pin.
P04
Enable P0.4.
Security
Enable
Enable ROM code Security function.
Disable
Disable ROM code Security function.
LVD
LVD_L
LVD will reset chip if VDD is below 1.8V
LVD_M
LVD will reset chip if VDD is below 1.8V
Enable LVD24 bit of PFLAG register for 2.4V low voltage indicator.
LVD_H
LVD will reset chip if VDD is below 2.4V
Enable LVD33 bit of PFLAG register for 3.3V low voltage indicator.
LVD_MAX
LVD will reset chip if VDD is below 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com