Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN8F27E64KB Datasheet(PDF) 53 Page - SONiX Technology Company

Part # SN8F27E64KB
Description  8-Bit Flash Micro-Controller with Embedded ICE and ISP
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN8F27E64KB Datasheet(HTML) 53 Page - SONiX Technology Company

Back Button SN8F27E64KB Datasheet HTML 49Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 50Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 51Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 52Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 53Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 54Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 55Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 56Page - SONiX Technology Company SN8F27E64KB Datasheet HTML 57Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 192 page
background image
SN8F27E60 Series
8-Bit Flash Micro-Controller with Embedded ICE and ISP
SONiX TECHNOLOGY CO., LTD
Page 53
Version 1.4
4.4.1 HIGH_CLK CODE OPTION
For difference clock functions, Sonix provides multi-type system high clock options controlled by
“High_CLK” code
option. The High_CLK code option defines the system oscillator types including IHRC_16M, IHRC_RTC, RC, 32K X
’tal,
12M X
’tal and 4M X’tal. These oscillator options support different bandwidth oscillator.
IHRC_16M: The system high-speed clock source is internal high-speed 16MHz RC type oscillator. In the mode,
XIN and XOUT pins are bi-direction GPIO mode, and not to connect any external oscillator device.
IHRC_RTC: The system high-speed clock source is internal high-speed 16MHz RC type oscillator. The RTC
clock source is external low-speed 32768Hz crystal. The XIN and XOUT pins are defined to drive external
32768Hz crystal and disables GPIO function.
RC: The system high-speed clock source is external low cost RC type oscillator. The RC oscillator circuit only
connects to XIN pin, and the XOUT pin is bi-direction GPIO mode.
32K X
’tal: The system high-speed clock source is external low-speed 32768Hz crystal. The option only supports
32768Hz crystal and the RTC function is workable.
12M X
’tal: The system high-speed clock source is external high-speed crystal/ceramic. The oscillator bandwidth
is 10MHz~16MHz.
4M X
’tal: The system high-speed clock source is external high-speed crystal/resonator. The oscillator bandwidth
is 1MHz~10MHz.
For power consumption under
“IHRC_RTC” mode, the internal high-speed oscillator and internal low–speed oscillator
stops and only external 32KHz crystal actives under green mode. The condition is the watchdog timer can
’t be
“Always_On” option, or the internal low-speed oscillator actives.
4.4.2 INTERNAL HIGH-SPEED OSCILLATOR RC TYPE (IHRC)
The internal high-speed oscillator is 16MHz RC type. The accuracy is ±2% under commercial condition. When the
“High_CLK” code option is “IHRC_16M” or “IHRC_RTC”, the internal high-speed oscillator is enabled.
IHRC_16M: The system high-speed clock is internal 16MHz oscillator RC type. XIN/XOUT pins are general
purpose I/O pins.
IHRC_RTC: The system high-speed clock is internal 16MHz oscillator RC type, and the real time clock is external
32768Hz crystal. XIN/XOUT pins connect with external 32768Hz crystal.
4.4.3 EXTERNAL HIGH-SPEED OSCILLATOR
The external high-speed oscillator includes 4MHz, 12MHz, 32KHz and RC type. The 4MHz, 12MHz and 32KHz
oscillators support crystal and ceramic types connected to XIN/XOUT pins with 20pF capacitors to ground. The RC
type is a low cost RC circuit only connected to XIN pin. The capacitance is not below 100pF, and use the resistance to
decide the frequency.
4.4.4 EXTERNAL OSCILLATOR APPLICATION CIRCUIT
CRYSTAL/CERAMIC
RC Type
MCU
VCC
GND
C
20pF
XIN
XOUT
VDD
C
20pF
CRYSTAL
R
MCU
VCC
GND
XIN
XOUT
VDD
VSS
C
Note: Connect the Crystal/Ceramic and C as near as possible to the XIN/XOUT/VSS pins of
micro-controller. Connect the R and C as near as possible to the VDD pin of micro-controller.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com